Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 12 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 8Page - Microchip Technology MGC3030 Datasheet HTML 9Page - Microchip Technology MGC3030 Datasheet HTML 10Page - Microchip Technology MGC3030 Datasheet HTML 11Page - Microchip Technology MGC3030 Datasheet HTML 12Page - Microchip Technology MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MGC3030/3130
DS40001667D-page 12
Advance Information
 2012-2015 Microchip Technology Inc.
FIGURE 2-4:
SENSOR TOUCH DIAGRAM
2.2.1.3
Gesture Port
FIGURE 2:
GESTURE PORT
The Gesture Port enables a flexible mapping of Colibri
Suite feature events to certain output signals at
dedicated pins of the MGC3X30. The individual feature
events can be mapped to one of five EIO Pins and
trigger a variety of signal changes (Permanent high,
Permanent low, Toggle, Pulse (100 ms), High Active,
Low Active). The Gesture Port simplifies and enhances
embedded system integration. It enables host-free
integration based on EIOs.
Touch
Touch
detected
Tap
Tap
detected
Max Tap Duration
0s-1s
Double Tap
Double Tap
detected
Max Double Tap Duration
0s-1s
Max Tap Duration
0s-1s
Tap
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com