Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 6 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 2Page - Microchip Technology MGC3030 Datasheet HTML 3Page - Microchip Technology MGC3030 Datasheet HTML 4Page - Microchip Technology MGC3030 Datasheet HTML 5Page - Microchip Technology MGC3030 Datasheet HTML 6Page - Microchip Technology MGC3030 Datasheet HTML 7Page - Microchip Technology MGC3030 Datasheet HTML 8Page - Microchip Technology MGC3030 Datasheet HTML 9Page - Microchip Technology MGC3030 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
NC
26
14
——
Reserved: do not connect.
VSS1
27
16
P
—
Common ground reference for analog and digital domains.
VDD
28
17
P
—
Positive supply for peripheral logic and I/O pins. It requires an external filtering capaci-
tor (100 nF).
EXP
29
—
P
—
Exposed pad. It should be connected to Ground.
TABLE 3:
PIN SUMMARY
Pin Name
Pin Number
Pin Type
Buffer Type
Description
28-QFN
28-SSOP
Legend:
P = Power; ST = Schmitt Trigger input with CMOS levels; O = Output; I = Input; — = N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com