Electronic Components Datasheet Search
  English  ▼

X  

MIC24052 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 4 Page - Microchip Technology

  MIC24052 Datasheet HTML 1Page - Microchip Technology MIC24052 Datasheet HTML 2Page - Microchip Technology MIC24052 Datasheet HTML 3Page - Microchip Technology MIC24052 Datasheet HTML 4Page - Microchip Technology MIC24052 Datasheet HTML 5Page - Microchip Technology MIC24052 Datasheet HTML 6Page - Microchip Technology MIC24052 Datasheet HTML 7Page - Microchip Technology MIC24052 Datasheet HTML 8Page - Microchip Technology MIC24052 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MIC24052
DS20005659A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range
VIN, PVIN
4.5
—
19
V—
Quiescent Supply Current
—
—
450
750
µA
VFB = 1.5V (non-switching)
Shutdown Supply Current
—
—
5
10
µA
VEN = 0V
VDD Supply Voltage
VDD Output Voltage
—
4.8
5
5.4
VVIN = 7V to 19V, IDD = 40 mA
VDD UVLO Threshold
—
3.7
4.2
4.5
VVDD Rising
VDD UVLO Hysteresis
—
—
400
—
mV
—
Dropout Voltage (VIN – VDD)—
—
380
600
mV
IDD = 25 mA
DC/DC Controller
Output Voltage Adjust Range
VOUT
0.8
—
5.5
V—
Reference
Feedback Reference Voltage
—
0.792
0.8
0.808
V
0°C ≤ TJ ≤ 85°C (±1.0%)
0.788
0.8
0.812
–40°C ≤ TJ ≤ 125°C (±1.5%)
Load Regulation
—
—
0.25
—
%
IOUT = 1A to 6A (Continuous
Mode)
Line Regulation
—
—
0.25
—
%
VIN = 4.5V to 19V
FB Bias Current
—
—
50
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
—
1.8
——
V
—
EN Logic Level Low
—
—
—
0.6
V—
EN Bias Current
—
—
6
30
µA
VEN = 12V
Oscillator
Switching Frequency (Note 2)—
450
600
750
kHz
VOUT = 2.5V
Maximum Duty Cycle (Note 3)—
—
82
—
%
VFB = 0V
Minimum Duty Cycle
—
—
0
—
%
VFB = 1.0V
Minimum Off-Time
—
—
300
—
ns
—
Soft-Start
Soft-Start Time
—
—
3
—
ms
—
Short-Circuit Protection
Peak Inductor Current-Limit
Threshold
—7.5
11
17
A
VFB = 0.8V, TJ = 25°C
Peak Inductor Current-Limit
Threshold
—6.6
11
17
A
VFB = 0.8V, TJ = 125°C
Short-Circuit Current
—
—
8
—
A
VFB = 0V
Note 1:
Specification for packaged product only.
2:
Measured in test mode.
3:
The maximum duty-cycle is limited by the fixed mandatory off-time (tOFF) of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com