Electronic Components Datasheet Search
  English  ▼

X  

MIC24052 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC24052 Datasheet HTML 10Page - Microchip Technology MIC24052 Datasheet HTML 11Page - Microchip Technology MIC24052 Datasheet HTML 12Page - Microchip Technology MIC24052 Datasheet HTML 13Page - Microchip Technology MIC24052 Datasheet HTML 14Page - Microchip Technology MIC24052 Datasheet HTML 15Page - Microchip Technology MIC24052 Datasheet HTML 16Page - Microchip Technology MIC24052 Datasheet HTML 17Page - Microchip Technology MIC24052 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MIC24052
DS20005659A-page 14
 2016 Microchip Technology Inc.
FIGURE 2-43:
Enable Into Short Circuit.
FIGURE 2-44:
Short Circuit.
FIGURE 2-45:
Output Recovery from Short
Circuit.
FIGURE 2-46:
Output Current-Limit
Threshold.
FIGURE 2-47:
Output Recovery from
Thermal Shutdown.
FIGURE 2-48:
Switching Waveforms (IOUT
= 6A).
Time (400μs/div)
I
L
(5A/div)
V
OUT
(200mV/div)
V
EN
(2V/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = TO SHORT
Time (200μs/div)
I
L
(5A/div)
V
OUT
(1V/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = TO SHORT
Time (2ms/div)
I
L
(5A/div)
V
OUT
(1V/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 6A
Time (40ms/div)
I
OUT
(5A/div)
V
OUT
(1V/div)
V
IN = 12V
V
OUT = 1.8V
Time (2ms/div)
V
OUT
(1V/div)
V
SW
(10V/div)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 1A
Time (400ns/div)
I
L
(5A/div)
V
SW
(10V/div)
V
OUT
(20mV/div)
(AC-COUPLED)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com