Electronic Components Datasheet Search
  English  ▼

X  

MIC24052 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC24052 Datasheet HTML 12Page - Microchip Technology MIC24052 Datasheet HTML 13Page - Microchip Technology MIC24052 Datasheet HTML 14Page - Microchip Technology MIC24052 Datasheet HTML 15Page - Microchip Technology MIC24052 Datasheet HTML 16Page - Microchip Technology MIC24052 Datasheet HTML 17Page - Microchip Technology MIC24052 Datasheet HTML 18Page - Microchip Technology MIC24052 Datasheet HTML 19Page - Microchip Technology MIC24052 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MIC24052
DS20005659A-page 16
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1PVDD
5V Internal Linear Regulator output. PVDD supply is the power MOSFET gate drive
supply voltage and created by internal LDO from VIN. When VIN < +5.5V, PVDD should
be tied to PVIN pins. A 2.2 µF ceramic capacitor from the PVDD pin to PGND (Pin 2)
must be place next to the IC.
2, 5, 6, 7, 8, 21
PGND
Power Ground. PGND is the ground path for the MIC24052 buck converter power
stage. The PGND pins connect to the low-side N-Channel internal MOSFET gate
drive supply ground, the sources of the MOSFETs, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The loop for the power
ground should be as small as possible and separate from the signal ground (SGND)
loop.
3
NC
No connect.
4, 9, 10, 11, 12
SW
Switch Node output. Internal connection for the high-side MOSFET source and
low-side MOSFET drain. Due to the high-speed switching on this pin, the SW pin
should be routed away from sensitive nodes.
13,14,15,
16,17,18,19
PVIN
High-Side N-internal MOSFET Drain Connection input. The PVIN operating voltage
range is from 4.5V to 19V. Input capacitors between the PVIN pins and the Power
Ground (PGND) are required to keep the connection short.
20
BST
Boost output. Bootstrapped voltage to the high-side N-channel MOSFET driver. A
Schottky diode is connected between the PVDD pin and the BST pin. A boost
capacitor of 0.1 μF is connected between the BST pin and the SW pin. Adding a small
resistor at the BST pin can slow down the turn-on time of high-side N-Channel
MOSFETs.
22
CS
Current Sense input. The CS pin senses current by monitoring the voltage across the
low-side MOSFET during the OFF-time. The current sensing is necessary for
short-circuit protection and zero crossing detection. In order to sense the current
accurately, connect the low-side MOSFET drain to SW using a Kelvin connection. The
CS pin is also the high-side MOSFET’s output driver return.
23
SGND
Signal Ground. SGND must be connected directly to the ground planes. Do not route
the SGND pin to the PGND Pad on the top layer (see PCB Layout Recommendations
for details).
24
FB
Feedback input. Input to the transconductance amplifier of the control loop. The FB
pin is regulated to 0.8V. A resistor divider connecting the feedback to the output is
used to adjust the desired output voltage.
25
PG
Power Good output. Open drain output. The PG pin is externally tied with a resistor to
VDD. A high output is asserted when VOUT > 92% of nominal.
26
EN
Enable input. A logic level control of the output. The EN pin is CMOS-compatible.
Logic high = enable, logic low = shutdown. In the off state, supply current of the device
is greatly reduced (typically 5 µA). The EN pin should not be left floating.
27
VIN
Power Supply Voltage input. Requires bypass capacitor to SGND.
28
VDD
5V Internal Linear Regulator output. VDD supply is the supply bus for the IC control
circuit. VDD is created by internal LDO from VIN. When VIN < +5.5V, VDD should be
tied to PVIN pins. A 1 µF ceramic capacitor from the VDD pin to SGND pins must be
place next to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com