Electronic Components Datasheet Search
  English  ▼

X  

MIC24052 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC24052 Datasheet HTML 13Page - Microchip Technology MIC24052 Datasheet HTML 14Page - Microchip Technology MIC24052 Datasheet HTML 15Page - Microchip Technology MIC24052 Datasheet HTML 16Page - Microchip Technology MIC24052 Datasheet HTML 17Page - Microchip Technology MIC24052 Datasheet HTML 18Page - Microchip Technology MIC24052 Datasheet HTML 19Page - Microchip Technology MIC24052 Datasheet HTML 20Page - Microchip Technology MIC24052 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005659A-page 17
MIC24052
4.0
FUNCTIONAL DESCRIPTION
The MIC24052 is an adaptive, ON-time, synchronous
step-down, DC/DC regulator with an internal 5V linear
regulator and a power good (PG) output. It is designed
to operate over a wide input voltage range from 4.5V to
19V and provides a regulated output voltage at up to 6A
of output current. An adaptive ON-time control scheme
is employed in to obtain a constant switching frequency
and to simplify the control compensation. Overcurrent
protection is implemented without the use of an
external sense resistor. The device includes an internal
soft-start function that reduces the power supply input
surge current at start-up by controlling the output
voltage rise time.
4.1
Theory of Operation
The MIC24052 is able to operate in either continuous
mode or discontinuous mode. The operating mode is
determined by the output of the zero cross comparator
(ZC) as shown in the Block Diagram.
4.2
Continuous Mode
In continuous mode, the output voltage is sensed by
the MIC24052 feedback pin FB via the voltage divider
R1 and R2, and compared to a 0.8V reference voltage
VREF at the error comparator through a low gain
transconductance (gm) amplifier. If the feedback
voltage decreases and the output of the gm amplifier is
below 0.8V, then the error comparator will trigger the
control logic and generate an ON-time period. The
ON-time period length is predetermined by the “FIXED
tON ESTIMATION” circuitry:
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier is below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(min), which is about 300 ns, the MIC24052 control
logic will apply the tOFF(min) instead. tOFF(min) is
required to maintain enough energy in the boost
capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 300 ns
tOFF(min):
EQUATION 4-2:
It is not recommended to use MIC24052 with an
OFF-time close to tOFF(min) during steady-state
operation. Also, as VOUT increases, the internal ripple
injection will increase and reduce the line regulation
performance. Therefore, the maximum output voltage
of the MIC24052 should be limited to 5.5V and the
maximum external ripple injection should be limited to
200 mV. Please refer to Setting Output Voltage in the
Application Information section for more details.
The actual ON-time and resulting switching frequency
will vary with the part-to-part variation in the rise and fall
times of the internal MOSFETs, the output load current,
and variations in the VDD voltage. Also, the minimum
tON results in a lower switching frequency in high VIN to
VOUT applications, such as 18V to 1.0V. The minimum
tON measured on the MIC24052 evaluation board is
about 100 ns. During load transients, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios.
Figure 4-1 shows the MIC24052 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple and the
inductor current ripple, to trigger the ON-time period.
The ON-time is predetermined by the tON estimator.
The termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
t
ON ESTIMATED

V
OUT
V
IN
600kHz
----------------------------------
=
Where:
VOUT Output voltage
VIN
Power stage input voltage
D
MAX
t
S
t
OFF MIN

–
t
S
-----------------------------------1 300ns
t
S
---------------
–
==
Where:
tS
1/600 kHz = 1.66 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com