Electronic Components Datasheet Search
  English  ▼

X  

RE46C167 Datasheet(PDF) 5 Page - Microchip Technology

Part # RE46C167
Description  Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167 Datasheet(HTML) 5 Page - Microchip Technology

  RE46C167 Datasheet HTML 1Page - Microchip Technology RE46C167 Datasheet HTML 2Page - Microchip Technology RE46C167 Datasheet HTML 3Page - Microchip Technology RE46C167 Datasheet HTML 4Page - Microchip Technology RE46C167 Datasheet HTML 5Page - Microchip Technology RE46C167 Datasheet HTML 6Page - Microchip Technology RE46C167 Datasheet HTML 7Page - Microchip Technology RE46C167 Datasheet HTML 8Page - Microchip Technology RE46C167 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2010-2016 Microchip Technology Inc.
DS20002251B-page 5
RE46C165/6/7/8
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD ...................................................................................12.5V
Input Voltage Range except FEED, I/O......VIN = -0.3V to VDD + 0.3V
FEED Input Voltage Range....................... VINFD = -10 to +22V
I/O Input Voltage Range..................................VIO1= -0.3 to 15V
Input Current except FEED, TEST, VSEN ............... IIN = 10 mA
Input Current for FEED, VSEN ............................... IIN = 500 µA
Operating Temperature ...................................TA = -25 to +75°C
Storage Temperature ...............................TSTG = -55 to +125°C
Maximum Junction Temperature............................ TJ = +150°C
†Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these, or any other conditions above those
indicated in the operation listings of this specification, is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS(3)
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to +75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V
Parameter
Symbol
Test Pin
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
5
6
—
12
V
Operating
Supply Current
IDD1
5
—
4
6
µA
COSC = VSS, LED off
IDD2
5
—
5.5
8
µA
COSC = VSS, LED off,
VDD = 12V
IDD3
5
—
—
2
mA
COSC = VSS,
STROBE on IRED off
IDD4
5
—
—
3
mA
COSC = VSS,
STROBE on, IRED on
(Note 1)
Input Voltage High
VIH1
10
6.2
4.5
—
V
FEED
VIH2
7
3.2
—
—
V
No local alarm,
I/O as an input
VIH3
15
1.6
—
—
V
VSEN
VIH4
16
8.5
—
—
V
TEST
Input Voltage Low
VIL1
10
—
4.5
2.7
V
FEED
VIL2
7
—
—
1.5
V
No local alarm,
I/O as an input
VIL3
15
—
—
0.5
V
VSEN
VIL4
16
—
—
7
V
TEST
Input Leakage Low
IIL1
1, 2, 3
—
—
-100
nA
VDD = 12V, COSC = 12V,
STROBE active
IIL2
12, 10
—
—
-100
nA
VDD = 12V, VIN = VSS
IIL3
15, 16
—
—
-1
µA
VDD = 12V, VIN = VSS
ILFD
10
—
—
-50
µA
FEED = -10V
Input Leakage High
IIH1
1, 2
—
—
100
nA
VDD = 12V, VIN = VDD,
STROBE active
IIH2
3, 10, 12
—
—
100
nA
VDD = 12V, VIN = VDD
IHFD
10
—
—
50
µA
FEED = 22V
Note 1:
Does not include Q3 emitter current.
2:
Not production tested.
3:
Production tested at room temperature with guardbanded limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com