Electronic Components Datasheet Search
  English  ▼

X  

RE46C167 Datasheet(PDF) 12 Page - Microchip Technology

Part # RE46C167
Description  Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RE46C167 Datasheet HTML 8Page - Microchip Technology RE46C167 Datasheet HTML 9Page - Microchip Technology RE46C167 Datasheet HTML 10Page - Microchip Technology RE46C167 Datasheet HTML 11Page - Microchip Technology RE46C167 Datasheet HTML 12Page - Microchip Technology RE46C167 Datasheet HTML 13Page - Microchip Technology RE46C167 Datasheet HTML 14Page - Microchip Technology RE46C167 Datasheet HTML 15Page - Microchip Technology RE46C167 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
RE46C165/6/7/8
DS20002251B-page 12
 2010-2016 Microchip Technology Inc.
2.9
Horn Feedback Pin (FEED)
Usually, this pin is connected to the feedback electrode
through a current-limiting resistor. If not used, this pin
must be connected to VDD or VSS.
When the horn is enabled, FEED drives the buffered
output HS pin and the complementary output HB pin.
2.10
LED Driver Pin (LED)
This pin is an open-drain NMOS output used to drive a
visible LED.
2.11
Oscillator Capacitor Input (COSC)
A capacitor connected to this pin, with a parallel
resistor, sets the internal clock low time, which is
approximately the clock period.
2.12
Oscillator Resistor Drive Low
(ROSC)
A resistor between this pin and the COSC pin sets the
internal clock high time. This also sets the IRED pulse
width.
2.13
Hush Timer Sensitivity Pin (VSEN)
In Timer mode, this input pin can be used to set an
external smoke comparator reference.
2.14
TEST Pin
This input is used to invoke two Test modes and the
Timer mode. This input has an internal pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com