Electronic Components Datasheet Search
  English  ▼

X  

RE46C167 Datasheet(PDF) 8 Page - Microchip Technology

Part # RE46C167
Description  Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RE46C167 Datasheet HTML 4Page - Microchip Technology RE46C167 Datasheet HTML 5Page - Microchip Technology RE46C167 Datasheet HTML 6Page - Microchip Technology RE46C167 Datasheet HTML 7Page - Microchip Technology RE46C167 Datasheet HTML 8Page - Microchip Technology RE46C167 Datasheet HTML 9Page - Microchip Technology RE46C167 Datasheet HTML 10Page - Microchip Technology RE46C167 Datasheet HTML 11Page - Microchip Technology RE46C167 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
RE46C165/6/7/8
DS20002251B-page 8
 2010-2016 Microchip Technology Inc.
Smoke Test Period
(IRED and STROBE)
TPER0
4, 6
9.6
10.7
11.7
s
1024
Standby, no alarm
TPER1
4, 6
1.8
2.0
2.2
s
192
RE46C165/7 only
Standby, 1 valid smoke sample
4, 6
2.4
2.7
2.9
s
256
RE46C166/8 only
Standby, 1 valid smoke sample
TPER2
4, 6
0.9
1.0
1.1
s
96
RE46C165/7 only
Standby, after 2 consecutive
valid smoke samples
4, 6
1.2
1.3
1.5
s
128
RE46C166/8 only
Standby, after 2 consecutive
valid smoke samples
TPER3
4, 6
0.9
1.0
1.1
s
96
RE46C165/7 only
Local alarm (3 consecutive valid
smoke samples)
4, 6
1.2
1.3
1.5
s
128
RE46C166/8 only
Local alarm (3 consecutive valid
smoke samples)
TPER4
4, 6
300
333
367
ms
32
Push button test
TPER5
4, 6
7.2
8.0
8.8
s
768
RE46C165/7 only
In remote alarm
4, 6
9.6
10.7
11.7
s
1024
RE46C166/8 only
In remote alarm
TPER6
4, 6
38
43
47
s
4096
Chamber test or low battery test,
no alarm
Horn Operation (HORNB, HORNS, FEED)
Alarm On Time
THON1
8, 9
450
500
550
ms
48
RE46C165/7 only
Local or remote alarm (Note 2)
8, 9
225
250
275
ms
24
RE46C166/8 only
Local or remote alarm (Note 3)
Alarm Off Time
THOF1
8, 9
450
500
550
ms
48
RE46C165/7 only
Local or remote alarm (Note 2)
8, 9
75
83
92
ms
8
RE46C166/8 only
Local or remote alarm (Note 3)
THOF2
8, 9
1.35
1.50
1.65
s
144
RE46C165/7 only
Local or remote alarm (Note 2)
Alarm Period
THPER1
8, 9
3.60
4.00
4.40
s
384
RE46C165/7 only
Local or remote alarm (Note 2)
8, 9
0.30
0.33
0.37
s
32
RE46C166/8 only
Local or remote alarm (Note 3)
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
AC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to +75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V.
Parameter
Symbol
Test
Pin
Min.
Typ.
Max.
Units
Clocks
Conditions
Note 1:
TPOSC and TIRON are 100% production tested. All other timing is verified by functional testing.
2:
See the timing diagram for Horn Temporal Pattern in Figure 3-2.
3:
See the timing diagram for Horn Continuous Pattern in Figure 3-3.
4:
During Timer mode, the LED period is 10.5 seconds. The LED period will return to 43 seconds at the
conclusion of the Timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com