Electronic Components Datasheet Search
  English  ▼

X  

RE46C167 Datasheet(PDF) 10 Page - Microchip Technology

Part # RE46C167
Description  Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167 Datasheet(HTML) 10 Page - Microchip Technology

Back Button RE46C167 Datasheet HTML 6Page - Microchip Technology RE46C167 Datasheet HTML 7Page - Microchip Technology RE46C167 Datasheet HTML 8Page - Microchip Technology RE46C167 Datasheet HTML 9Page - Microchip Technology RE46C167 Datasheet HTML 10Page - Microchip Technology RE46C167 Datasheet HTML 11Page - Microchip Technology RE46C167 Datasheet HTML 12Page - Microchip Technology RE46C167 Datasheet HTML 13Page - Microchip Technology RE46C167 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RE46C165/6/7/8
DS20002251B-page 10
 2010-2016 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 9V, Typical Application (unless otherwise noted),
VSS = 0V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-25
—
+75
°C
Operating Temperature Range
TA
-25
—
+75
°C
Storage Temperature Range
TSTG
-55
—
+125
°C
Thermal Package Resistances
Thermal Resistance, 16L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 16L-SOIC (150 mil)
θJA
—
86.1
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com