Electronic Components Datasheet Search
  English  ▼

X  

MS6309 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6309
Description  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6309 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6309 Datasheet HTML 1Page - MOSA ELECTRONICS MS6309 Datasheet HTML 2Page - MOSA ELECTRONICS MS6309 Datasheet HTML 3Page - MOSA ELECTRONICS MS6309 Datasheet HTML 4Page - MOSA ELECTRONICS MS6309 Datasheet HTML 5Page - MOSA ELECTRONICS MS6309 Datasheet HTML 6Page - MOSA ELECTRONICS MS6309 Datasheet HTML 7Page - MOSA ELECTRONICS MS6309 Datasheet HTML 8Page - MOSA ELECTRONICS MS6309 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
2/9
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
7
6
5
8
2
3
4
1
VOR
Cap
VOL
VDD
BCK
WS
DATA
GND
BCK 1
8 VOR
GND 4
6 VOL
7 Cap
5 VDD
WS 2
DATA 3
GND
SOP8/MSOP8
DFN8
BCK
1
Bit clock input
WS
2
Word select input
DATA
3
Data input
GND
4
Ground
VDD
5
Positive supply voltage
VOL
6
Left channel output
n.c.
7
not connected
VOR
8
Right channel output
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP (lead free)
MS6309GTR
MS6309G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6309GU
MS6309G
100 Units Tube
8-Pin MSOP (lead free)
MS6309MGTR
6309G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6309MGU
6309G
80 Units Tube
8-Pin DFN (lead free)
MS6309DGTR
MS6309
5k Units Tape and Reel
8-Pin SOP (lead free)
MS6310GTR
MS6310G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6310GU
MS6310G
100 Units Tube
8-Pin MSOP (lead free)
MS6310MGTR
6310G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6310MGU
6310G
80 Units Tube
8-Pin DFN (lead free)
MS6310DGTR
MS6310
5k Units Tape and Reel
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Positive Supply Voltage
6
V
VESD
Electrostatic Handling
-2000 to 2000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
MSOP8
DFN8
175
235
120
℃
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.5
-
6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com