Electronic Components Datasheet Search
  English  ▼

X  

MS6309 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6309
Description  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6309 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6309 Datasheet HTML 1Page - MOSA ELECTRONICS MS6309 Datasheet HTML 2Page - MOSA ELECTRONICS MS6309 Datasheet HTML 3Page - MOSA ELECTRONICS MS6309 Datasheet HTML 4Page - MOSA ELECTRONICS MS6309 Datasheet HTML 5Page - MOSA ELECTRONICS MS6309 Datasheet HTML 6Page - MOSA ELECTRONICS MS6309 Datasheet HTML 7Page - MOSA ELECTRONICS MS6309 Datasheet HTML 8Page - MOSA ELECTRONICS MS6309 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
4/9
www.mosanalog.com
2.5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.5V, f=1kHz ; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VDC
Output DC level
1.2
1.25
1.3
V
VFS
Full scale output voltage
VFS=0.5VDD
1.2
1.25
1.5
Vpp
IQ
Quiescent current
At code 0000H
-
2.0
-
mA
CS
Channel separation
80
87
-
dB
AC Characteristics
THD+N
Total harmonic distortion plus
noise
-
-58
-52
dB
-
0.125
0.25
S/N
Signal-to-noise ratio
83
89
-
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com