Electronic Components Datasheet Search
  English  ▼

X  

MS6309 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6309
Description  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6309 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6309 Datasheet HTML 1Page - MOSA ELECTRONICS MS6309 Datasheet HTML 2Page - MOSA ELECTRONICS MS6309 Datasheet HTML 3Page - MOSA ELECTRONICS MS6309 Datasheet HTML 4Page - MOSA ELECTRONICS MS6309 Datasheet HTML 5Page - MOSA ELECTRONICS MS6309 Datasheet HTML 6Page - MOSA ELECTRONICS MS6309 Datasheet HTML 7Page - MOSA ELECTRONICS MS6309 Datasheet HTML 8Page - MOSA ELECTRONICS MS6309 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
5/9
www.mosanalog.com
TIMING AND DATA FORMAT
The MS6309/10 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB must always be first. The format of data input is shown in Figs. 2 and 3. With a HIGH level on
the word select input (WS), data is placed in the left input register and with LOW level on the WS input, data is placed
in the right register (Fig. 1). The data in the input registers are simultaneously latched in the output registers which
control the bit switches.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.2 Timing and input signals.
Data format (BCK, WS, DATA)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input LOW level
-
-
0.8
V
VIH
Input HIGH level
2
-
-
V
l I IL l
Input Leakage Current LOW
-
-
10
A
l I IH l
Input Leakage Current HIGH
-
-
10
A
f
BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input
-
-
18.4
Mbits/s
f
WS
Word Select Input
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com