Electronic Components Datasheet Search
  English  ▼

X  

MS6309 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6309
Description  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6309 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6309 Datasheet HTML 1Page - MOSA ELECTRONICS MS6309 Datasheet HTML 2Page - MOSA ELECTRONICS MS6309 Datasheet HTML 3Page - MOSA ELECTRONICS MS6309 Datasheet HTML 4Page - MOSA ELECTRONICS MS6309 Datasheet HTML 5Page - MOSA ELECTRONICS MS6309 Datasheet HTML 6Page - MOSA ELECTRONICS MS6309 Datasheet HTML 7Page - MOSA ELECTRONICS MS6309 Datasheet HTML 8Page - MOSA ELECTRONICS MS6309 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
1/9
www.mosanalog.com
Low Cost 16-Bit Stereo Audio DAC
FEATURES
‧
Cost effective
‧
Low distortion
‧
No zero crossing distortion
‧
Output voltage swing is proportional to supply voltage (VOPP=VDD/2)
‧
Fast setting time permits 2*, 4*, and 8* oversampling (serial input) or double speed operation at 4* oversampling
‧
Audio Format:I2S(MS6309)
Right Justified(MS6310)
‧
Space saving package SOP8, MSOP8,DFN8.
APPLICATIONS
•
Multimedia system
•
MP3, PDA, Portable Digital Audio.
•
Set top box.
DESCRIPTION
The MS6309/10 is a voltage-output Digital-to-Analog Converter (DAC). The accuracy of the weight current
sources, combined with the unique symmetrical decoding method, preclude zero-crossing distortion and ensures high
quality audio reproduction. the initial registers of the DAC are 0000Hex, so the DAC output will be Vdd/2.
BLOCK DIAGRAM
RIGHT INPUT
LATCH
CONTROL
&
TIMING
BCK
WS
DATA
REFERENCE
SOURCE
1
2
3
5
4
VDD
GND
VREF
VREF
VOUT
LEFT
6
8
VOUT
RIGHT
OP1
OP2
VREF
DAC
RF
RF
LEFT INPUT
LATCH
DAC
Fig.1 Block diagram.


Similar Part No. - MS6309

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results

Similar Description - MS6309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
Low Distortion Mixer
REV.B
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
Analog Devices
AD831APZ AD-AD831APZ Datasheet
436Kb / 16P
Low Distortion Mixer
REV. C
logo
CML Microcircuits
FX315 CMLMICRO-FX315 Datasheet
226Kb / 8P
low distortion sinwave output
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
Low Crossover Distortion
logo
M/A-COM Technology Solu...
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
Low Distortion Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com