Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC24 Datasheet(PDF) 24 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 24 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 20Page - Astec America, Inc AEW01CC24 Datasheet HTML 21Page - Astec America, Inc AEW01CC24 Datasheet HTML 22Page - Astec America, Inc AEW01CC24 Datasheet HTML 23Page - Astec America, Inc AEW01CC24 Datasheet HTML 24Page - Astec America, Inc AEW01CC24 Datasheet HTML 25Page - Astec America, Inc AEW01CC24 Datasheet HTML 26Page - Astec America, Inc AEW01CC24 Datasheet HTML 27Page - Astec America, Inc AEW01CC24 Datasheet HTML 28Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
24
Electrical Characteristic (continued)
List 5 Output characteristics
Parameter
Model
Symbol
Minimum Typical Maximum
Unit
Io1
(Io2= -Io2=0.2A)
6.8
7.8
A
AEW05ABB48
Io2=-Io2
(Io1=1A)
1.38
A
Io1
(Io2=-Io2=0.16A)
6.9
7.8
A
Output current-limiting
setpoint
AEW05ABB48
Io2=-Io2
(Io1=1A)
1.18
A
AEW05ABB24
η
81%
84%
AEW05ACC24
η
82%
85%
AEW05ABB48
η
81%
84%
Efficiency
(rated input voltage,
Io1=3A,Io2=-Io2=0.6A,
ambient temperature
25
°C)
AEW05ACC48
η
82%
85%
Dynamic response
Conditions:
∆Io/∆t=1A/10µs
1.load variable
Io1=50%-75%,
Io2=-Io2=Io,min
Voltage drop
Response time
2.load variable
Io1=50%-25%,
Io2=-Io2=Io,min
Voltage inrush
Response time
All
All
All
All
1%
100
1%
105
5%
200
5%
200
Vo,set
µs
Vo,set
µs
Switching frequency
All
—
—
300
—
KHz
Output
voltage
adjustable range
All
—
90%
—
110%
Vo.nom
AEW05ABB24
—
5.8
6.8
7.5
V
AEW05ACC24
—
5.8
6.8
7.5
V
AEW05ABB48
—
5.8
6.8
7.5
V
Output
over-voltage
shutdown
Vo1
AEW05ACC48
—
5.8
6.8
7.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com