Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC24 Datasheet(PDF) 41 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 41 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 37Page - Astec America, Inc AEW01CC24 Datasheet HTML 38Page - Astec America, Inc AEW01CC24 Datasheet HTML 39Page - Astec America, Inc AEW01CC24 Datasheet HTML 40Page - Astec America, Inc AEW01CC24 Datasheet HTML 41Page - Astec America, Inc AEW01CC24 Datasheet HTML 42Page - Astec America, Inc AEW01CC24 Datasheet HTML 43Page - Astec America, Inc AEW01CC24 Datasheet HTML 44Page - Astec America, Inc AEW01CC24 Datasheet HTML 45Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
41
4. Decoupling
Noise on the power distribution system is not always created by the converter.
High-speed analog or digital loads with dynamic power demands can cause
noise to cross the power inductor back onto the input lines. Noise can be
reduced by decoupling the load. In most cases, connecting a 10
µF tantalum
capacitor in parallel with a 0.1
µF ceramic capacitor across the load will
decouple it. The capacitors should be connected as close to the load as
possible.
5. Power dissipation
z Parallel Power Distribution
Following figure shows a typical parallel power distribution design. Such
designs, sometimes called daisy chains, can be used for very low output
currents, but are not normally recommended. The voltage across loads far
from the source can vary greatly depending on the IR drops along the leads
and changes in the loads closer to the source. Dynamic load conditions
increase the potential problems.
z Radial Power Distribution
Radial power distribution is the preferred method of providing power to the
load. Figure 19 shows how individual loads are connected directly to the
power source. This arrangement requires additional power leads, but it avoids
the voltage variation problems associated with the parallel power distribution
technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com