Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC24 Datasheet(PDF) 25 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 25 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 21Page - Astec America, Inc AEW01CC24 Datasheet HTML 22Page - Astec America, Inc AEW01CC24 Datasheet HTML 23Page - Astec America, Inc AEW01CC24 Datasheet HTML 24Page - Astec America, Inc AEW01CC24 Datasheet HTML 25Page - Astec America, Inc AEW01CC24 Datasheet HTML 26Page - Astec America, Inc AEW01CC24 Datasheet HTML 27Page - Astec America, Inc AEW01CC24 Datasheet HTML 28Page - Astec America, Inc AEW01CC24 Datasheet HTML 29Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
25
Electrical Characteristic (continued)
List 6 Common characteristics
Parameter
Model
Minimum
Typical
Maximum
Unit
MTBF (according to Bellcore
standard, I=80% rated current,
operating temperature 40
°C)
All
1,200,000
Hour (h)
Weight
All
120
Gram (g)
Hand soldering time ( pin temperature
425
°C)
All
5
second
S
List 7 On/OFF characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
Start delay and rise time
(80% rated load, ambient
temperature 25
°C)
1. CNT is set on, input voltage
sudden change (ON)(figure 5)
2.
In the available range of
input voltage, CNT voltage
sudden change (ON) (figure
6)
3.
Output voltage rise time
4. Output voltage rush over
All
All
All
All
Tdelay
Tdelay
Trise
—
—
—
—
—
15
10
5
0
—
—
—
—
ms
ms
ms
%Vo
List 8 Safety Characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
Isolation voltage:
Input - output
Input -case
Output - case
All
All
All
1500
1500
1500
Vdc
Vdc
Vdc
Isolation resistance
All
300
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com