Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC24 Datasheet(PDF) 36 Page - Astec America, Inc

Part # AEW01CC24
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC24 Datasheet(HTML) 36 Page - Astec America, Inc

Back Button AEW01CC24 Datasheet HTML 32Page - Astec America, Inc AEW01CC24 Datasheet HTML 33Page - Astec America, Inc AEW01CC24 Datasheet HTML 34Page - Astec America, Inc AEW01CC24 Datasheet HTML 35Page - Astec America, Inc AEW01CC24 Datasheet HTML 36Page - Astec America, Inc AEW01CC24 Datasheet HTML 37Page - Astec America, Inc AEW01CC24 Datasheet HTML 38Page - Astec America, Inc AEW01CC24 Datasheet HTML 39Page - Astec America, Inc AEW01CC24 Datasheet HTML 40Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
36
2.3 Output over-current protection
z AEW series DC/DC converters feature Over-current Protection (OCP) circuits.
When output current exceeds 110% to 150% of rated current, such as during a short
circuit condition, the output will shutdown immediately, and can tolerate short
circuit conditions indefinitely.
z When the overcurrent condition is removed, the converter will automatically
restart.
2.4 Output over-voltage shutdown (OVP)
z The AEW series provides over-voltage protection on the output, which will
shut the output off if the voltage exceeds 116 to 150% of the nominal output
voltage, and the output is shutdown.
z It must power the module on again to recover the output.
z If the module is trimmed up to the voltage, which exceeds the 110% rated
output voltage, the output over-voltage protection will be probably triggered
off.
z For dual output products:
Through testing the over-voltage condition between +Vo and –V, the
over-voltage protection active (operating at 116%
150% rated output
voltage).
z For triple output products:
Through testing the over-voltage condition between +Vo and COM, the
over-voltage protection active. When Vo1 exceeds 116%~150% rated output
voltage, the over-voltage protection active. After the protection, please turn off
the power supply, and restart after 2-3 seconds, the output will be normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com