Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 0.1 Preliminary
Oct 29, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G952
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.3V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Line Transient
Ground Current vs. Load Current
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
Safe Operation Area of SOT-223
Line Transient
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
0
200
400
600
800
1000
1200
1400
1600
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
1.700
1.720
1.740
1.760
1.780
1.800
1.820
1.840
1.860
1.880
1.900
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
Input-Output Voltage Differential (V)
Mounted on 0.53 square inch pcb
Mounted on 1 square inch pcb area
Recommend minimum footprint (0.0625 square inch)
TA = 25°C
Still Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com