Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 0.1 Preliminary
Oct 29, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G952
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.3V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Rθ
θ
θ
θJA vs. Copper (1 ounce) Area for the SOT-223 Package
Load Transient
Load Transient
Load Transient
Load Transient
60
80
100
120
140
160
180
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Copper Area (Square Inches)
Mounted on 1 oz Copper SOT-223
TA=25°C
Still Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com