Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 0.1 Preliminary
Oct 29, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G952
Global Mixed-mode Technology Inc.
TO-252 (T4) Package
Notes:
1. Dimensioning and tolerancing per ansi y14.5m, 1982.
2. Controlling dimension: inch
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180BSC
4.58BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090BSC
2.29BSC
R
0.175
0.215
4.45
6.46
S
0.020
0.050
0.51
1.27
U
0.020
---
0.51
---
V
0.030
0.050
0.77
1.27
Z
0.138
---
3.51
---
R
B
V
A
K
S
12
3
F
L
D
G
4
2 PL
0.13 (0.005)
M
T
Z
E
C
T
SEATING
PLANE
U
J
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com