Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 0.1 Preliminary
Oct 29, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G952
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………………………..…..…7V
Power Dissipation Internally Limited ….
(Note 2)
Maximum Junction Temperature…..…………… …..150°C
Storage Temperature Range….…..-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
SOT-223 Package……………….……………..260°C, 4s
Continuous Power Dissipation (TA = +25°C)……...0.8W
Operating Conditions
(Note 1)
Input Voltage…………………………………..2.7V~6.5V
Temperature Range……………………0°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =3.3V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
10mA < IO < 1A
1.764
1.800
1.836
V
Line Regulation
3V < VIN < 6.5V, IO = 10mA
3
30
mV
Load Regulation
10mA < IO < 1A
30
50
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
80
m
Quiescent Current
VIN = 3.3V
480
µA
Ripple Rejection
fi = 120Hz,Vripple =1VP-P, Io = 100mA
53
dB
IO = 0A
880
IO = 100mA
895
IO = 500mA
950
Dropout Voltage
IO = 1A
1160
mV
VIN = 3V
Minimum footprint
(0.0625 square inch)
660
mA
Output Current
Continuous Test,
TA = 25°C, TJ <150°C,
VOUT within
±2%
VIN = 3.3V
Mounted on 0.53 square
inch pcb area
1
A
Short Circuit Current
1.6
A
Over Temperature
150
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junc-
tion-to-ambient thermal resistance, RθJA, and the ambient temperature, TA. Exceeding the maximum allow-
able power dissipation will cause excessive die temperature, and the regulator will go into thermal shut-
down. Maximum power dissipation can be calculated based on the output current and the voltage drop
across the pass. To determine the maximum power dissipation can use basic equation: PD(max) =TJ (max)-TA/
θ
JA = IOUT (VIN-VOUT) = 800mW. The safe operation of SOT-223 package by G952, it can see “Typical
Performance Characteristics”. (Safe Operation Area)
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as pos-
sible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the
regulator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com