Electronic Components Datasheet Search
  English  ▼

X  

DF52 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF52
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF52 Datasheet(HTML) 5 Page - Hirose Electric

  DF52 Datasheet HTML 1Page - Hirose Electric DF52 Datasheet HTML 2Page - Hirose Electric DF52 Datasheet HTML 3Page - Hirose Electric DF52 Datasheet HTML 4Page - Hirose Electric DF52 Datasheet HTML 5Page - Hirose Electric DF52 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DF52 Series
●0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
BApplicable crimping tools
Type
Part No.
HRS No.
Applicable contact
Remarks
Applicator
AP105-DF52-2832P
901-4636-7
DF52-2832PCF
DHS877900H-UP
−
DF52-2832PCF
(Note 2) Manufactured by Japan
Automatic Machine Co.,Ltd.
Press body
CM-105C
901-0001-0 00
−
Pull-out tool DF-C-PO(A)
550-0170-8 00
DF52-2832PCF
Note 1 : Issues caused by using other than our specified tools are not covered by warranty.
Note 2 : Please contact Japan Automatic Machine Co., Ltd. (hereinafter J.A.M.) through their website regarding defective
crimping of adapting applicators manufactured by J.A.M.
URL http://www.jam-net.co.jp
BPrecautions
1. Recommended
Temperature Profile
(Compatible with lead-
free soldering)
[Applicable Conditions]
1. Peak temperature : 250℃ max.
2. Heating area : 220℃ min. for less than 60 seconds
3. Preheating area : 150℃ to 180℃ for 90 to 120 seconds
4. Number of times : no more than 2 times
* Measurement is conducted at the contact lead part
Soldering results may change depending on conditions such as solder
paste type, manufacturer, PCB size, and other soldering materials. Please
determine all mounting conditions before use.
Note 1 : This temperature profile is a recommended value.
2. Recommended
manual soldering
conditions
Temperature of soldering iron : 350±10℃, soldering time : within 3 seconds
3. Recommended screen
thickness and
aperture ratio
(Pattern surface ratio)
Thickness : 0.1mm, aperture opening ratio : 100%
4. Warpage of the Board A maximum of 0.02mm at the center of connector, as measured from either
end of the connector
5. Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended due to potential changes in
mating action and other variables. Please contact us if you use other cleaning agents. )
6. Noteworthy Points
■
Please note that any mating operation of the connector when not mounted
on the board may cause damage or deformation of the contacts.
■
During hand soldering, do not apply flux, as it will flow over the connector.
■
This housing color may have slight variations depending on the production
lot. This color variation does not affect performance.
■
Please refer to DF52 mating and unmating Procedure Document
(ETAD-H0788) for points in handling regarding mating operations.
■
Please refer to Harness procedure manual (ETAD-H0791) for points in
harness operations.
10sec MAX
90-120sec
TIME (Sec)
200
150
  0
100
250
MAX 250℃
60sec MAX
180℃
220℃
PRE-HEATING TIME SOLDERING TIME



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com