Electronic Components Datasheet Search
  English  ▼

X  

DF52 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF52
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF52 Datasheet(HTML) 4 Page - Hirose Electric

  DF52 Datasheet HTML 1Page - Hirose Electric DF52 Datasheet HTML 2Page - Hirose Electric DF52 Datasheet HTML 3Page - Hirose Electric DF52 Datasheet HTML 4Page - Hirose Electric DF52 Datasheet HTML 5Page - Hirose Electric DF52 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DF52 Series
●0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
■Crimping plug
■Crimp contact
**
Contact No.1 mark
One mark for every 5 pins
A
1
1.65
B
P=0.8
1.4
0.6
0.66
P=4
t=0.12
Unit:mm
Part No.
HRS No.
No. of
contacts
AB
DF52-2P-0.8C
668-0013-6 00
2
0.8
3.5
DF52-3P-0.8C
668-0026-8 00
3
1.6
4.3
DF52-4P-0.8C
668-0014-9 00
4
2.4
5.1
DF52-5P-0.8C
668-0027-0 00
5
3.2
5.9
DF52-6P-0.8C
668-0015-1 00
6
4.0
6.7
DF52-8P-0.8C
668-0016-4 00
8
5.6
8.3
DF52-10P-0.8C
668-0017-7 00
10
7.2
9.9
DF52-12P-0.8C
668-0018-0 00
12
8.8
11.5
DF52-14P-0.8C
668-0028-3 00
14
10.4
13.1
DF52-15P-0.8C
668-0019-2 00
15
11.2
13.9
DF52-16P-0.8C
668-0029-6 00
16
12.0
14.7
DF52-17P-0.8C
668-0002-0 00
17
12.8
15.5
DF52-20P-0.8C
668-0020-1 00
20
15.2
17.9
Note : Please specify the number of packs (100 pcs/pack) when placing orders.
Part No.
HRS No.
Type
Quantity
Finish
DF52-2832PCF
668-0030-5 00
Reel contact
40,000 pcs/reel
Tin plating
Note 1 : This product is sold in 40,000 piecies per reels. Please place orders in multiples of 40,000.
●Applicable wire (Tinned Annealed Copper Wire)
Conductor size (Core structure)
Jacket outer diameter
Recommended wire
Strip length
28 AWG (7 pieces/0.127mm in diameter)
Ø0.5 to 0.6mm
UL1571 (thin line)
0.9 to 1.3mm
30 AWG (7 pieces/0.102mm in diameter)
32 AWG (7 pieces/0.08mm in diameter)
Note : Please contact our Sales representative. when using wires other than applicable wires.
Note : The strip length is a reference value. Please adjust the strip length accordingly for specifications and requirements.
Refer to the crimping quality standard (ATAD-H0789) for details.
[Specification Number]
None : 40,000 pcs/reel
[Specification Number]
None : 100 pcs/pack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com