Electronic Components Datasheet Search
  English  ▼

X  

DF52 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF52
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF52 Datasheet(HTML) 3 Page - Hirose Electric

  DF52 Datasheet HTML 1Page - Hirose Electric DF52 Datasheet HTML 2Page - Hirose Electric DF52 Datasheet HTML 3Page - Hirose Electric DF52 Datasheet HTML 4Page - Hirose Electric DF52 Datasheet HTML 5Page - Hirose Electric DF52 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Unreeling direction
Unreeling direction
8±0.1
4±0.1
2±0.1
(0.3)
(2.25)
(0.3)
(2.25)
8±0.1
4±0.1
2±0.1
●2 to 17 pos.
Style of reel
●20 pos.
BRecommended PCB layout
BPackaging Specification
A
Contact No.1 mark
B
C
P=0.8
2.77
t=0.2
t=0.15
0.5±0.03
0.9±0.05
0.8±0.05
B±0.05
P=0.8±0.05
Unit:mm
Part No.
HRS No.
No. of
contacts
AB
C
DF52-2S-0.8H(21)
668-0004-5 21
2
3.8
0.8
3.2
DF52-3S-0.8H(21)
668-0022-7 21
3
4.6
1.6
4.0
DF52-4S-0.8H(21)
668-0005-8 21
4
5.4
2.4
4.8
DF52-5S-0.8H(21)
668-0023-0 21
5
6.2
3.2
5.6
DF52-6S-0.8H(21)
668-0006-0 21
6
7.0
4.0
6.4
DF52-8S-0.8H(21)
668-0007-3 21
8
8.6
5.6
8.0
DF52-10S-0.8H(21)
668-0008-6 21
10
10.2
7.2
9.6
DF52-12S-0.8H(21)
668-0009-9 21
12
11.8
8.8
11.2
DF52-14S-0.8H(21)
668-0024-2 21
14
13.4
10.4
12.8
DF52-15S-0.8H(21)
668-0010-8 21
15
14.2
11.2
13.6
DF52-16S-0.8H(21)
668-0025-5 21
16
15.0
12.0
14.4
DF52-17S-0.8H(21)
668-0001-7 21
17
15.8
12.8
15.2
DF52-20S-0.8H(21)
668-0011-0 21
20
18.2
15.2
17.6
Note : Please place orders for embossed packaged products in multiples 5,000
(5,000 pcs/reel).
Unreeling direction
Ø21±0.8
Ø13±0.2
Ø1.5 to the depth of the perforation
Product Label
D MAX
E
+2
0
Unit:mm
Part No.
No. of
contacts
AB
C
D
E
DF52-2S-0.8H(21)
2
16.0 7.5
−
22.4 16.4
DF52-3S-0.8H(21)
3
DF52-4S-0.8H(21)
4
DF52-5S-0.8H(21)
5
DF52-6S-0.8H(21)
6
DF52-8S-0.8H(21)
8
24.0 11.5
30.4 24.4
DF52-10S-0.8H(21)
10
DF52-12S-0.8H(21)
12
DF52-14S-0.8H(21)
14
DF52-15S-0.8H(21)
15
DF52-16S-0.8H(21)
16
DF52-17S-0.8H(21)
17
DF52-20S-0.8H(21)
20
32.0 14.2 28.4 38.4 32.4
3
DF52 Series
●0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
[Specification Number]
(21) : Tin plating, embossed packaging
■Right angle receptacle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com