Electronic Components Datasheet Search
  English  ▼

X  

DF52 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF52
Description  0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF52 Datasheet(HTML) 1 Page - Hirose Electric

  DF52 Datasheet HTML 1Page - Hirose Electric DF52 Datasheet HTML 2Page - Hirose Electric DF52 Datasheet HTML 3Page - Hirose Electric DF52 Datasheet HTML 4Page - Hirose Electric DF52 Datasheet HTML 5Page - Hirose Electric DF52 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2016.5
■Features
1. Small-sized connector
0.8mm Pitch, 1.75mm Height, 4.1mm Depth. Suitable for
small-sized applications.
2. Small but robust structure
The housing is designed with thick walls while remaining
small. This produces a strong, robust connector that
resists damage.
3. Suitable for high current applications.
The maximum current of 2.5A (using 2-pos 28 AWG wire)
is achieved by using highly conductive material and
appropriate contact force.
4. BOX shaped contact prevents deformation.
The BOX shaped crimp contact prevents deformation
during assembly and contributes to the overall stability
and robustness.
5. Visual check insures fully mated Plug and Receptacle
The housing is designed with an open side that allows for
visual inspection to insure the connectors are fully mated
preventing accidental disconnect.
6. GlowWire compliance (Compliant with IEC 60695-2-11)
7. Halogen-free
Chlorine and bromine levels are below standard values of
IEC 61249-2-21.
Br : less than 900ppm, Cl : less than 900ppm,
Br + Cl : less than 1,500ppm.
◆Box shaped contact structure
◆Allows for visual inspection of the mating process.
Housing walls are thick while the connector remains small.
Robust structure prevents damage while routing wiring.
The Box shaped structure of the crimp contact prevents deformation.
The mated condition can be visually checked.
Board side
Incomplete mating
Cable side
Mating complete
Thick wall parts
Thick wall parts
The contact is exposed in the
half-mated state.
Mating is complete when the
contact is no longer visible.
Exposed contact
0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
DF52 Series
◆Small and robust structure
Fig.1
Fig.2
Fig.3


Similar Part No. - DF52

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF522S10A TOKEN-DF522S10A Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
ITT Industries
DF52J11G215DQA ITT-DF52J11G215DQA Datasheet
273Kb / 4P
Power Rocker Switches
DF52J11G215DQF ITT-DF52J11G215DQF Datasheet
273Kb / 4P
Power Rocker Switches
DF52J11G215HQA ITT-DF52J11G215HQA Datasheet
273Kb / 4P
Power Rocker Switches
DF52J11G215HQF ITT-DF52J11G215HQF Datasheet
273Kb / 4P
Power Rocker Switches
More results

Similar Description - DF52

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
0.8mm Pitch Board to Board Floating Connector
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com