Electronic Components Datasheet Search
  English  ▼

X  

HT47R20 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT47R20
Description  8 縕첮-F 玉툾TP ?고뒳?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT47R20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 26Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 27Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 28Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 29Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
HT47R20
Rev. 1.10
26
2002-07-25
应用电路
Note:
C1=C2=300pF if fSYS<1MHz
Otherwise, C1=C2=0
O S C 1
O S C 2
P A 0 ~ P A 7
P B 0 ~ P B 3
f S Y S / 4 O p e n D r a i n
R C o s c i l l a t o r a p p l i c a t i o n
C r y s t a l o s c i l l a t o r a p p l i c a t i o n
H T 4 7 R 2 0
R E S
O S C 3
O S C 4
S E G 0 ~ 1 8
C O M 0 ~ 3
C 1
C 2
V 1
V 2
L C D
P A N E L
O S C 1
O S C 2
S E G 0 ~ 1 8
C O M 0 ~ 3
V L C D
C 1
C 2
V 1
V 2
L C D
P A N E L
L C D P o w e r
S u p p l y
L C D P o w e r
S u p p l y
V L C D
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
3 2 7 6 8 H z C r y s t a l o s c i l l a t o r a p p l i c a t i o n
O S C 1
O S C 2
H T 4 7 R 2 0
O S C 3
O S C 4
S E G 0 ~ 1 8
C O M 0 ~ 3
V L C D
C 1
C 2
V 1
V 2
L C D
P A N E L
L C D P o w e r
S u p p l y
0 . 1 m .
0 . 1 m .
0 . 1 m .
O S C 3
O S C 4
H T 4 7 R 2 0
I N 0
C S 0
R S 0
C R T 0
R T 0
I N 1
C S 1
R S 1
R T 1
P A 0 ~ P A 7
P B 0 ~ P B 3
I N 0
C S 0
R S 0
C R T 0
R T 0
I N 1
C S 1
R S 1
R T 1
P A 0 ~ P A 7
P B 0 ~ P B 3
I N 0
C S 0
R S 0
C R T 0
R T 0
I N 1
C S 1
R S 1
R T 1
V D D
0 . 1 m .
1 0 0 k W
1 0 k W
V D D
2 4 k W ~ 1 M W
R E S
V D D
0 . 1 m .
1 0 0 k W
1 0 k W
R E S
V D D
0 . 1 m .
1 0 0 k W
1 0 k W
C 1
C 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com