Electronic Components Datasheet Search
  English  ▼

X  

NEB-D Datasheet(PDF) 7 Page - CUI INC

Part # NEB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-D Datasheet(HTML) 7 Page - CUI INC

Back Button NEB-D Datasheet HTML 3Page - CUI INC NEB-D Datasheet HTML 4Page - CUI INC NEB-D Datasheet HTML 5Page - CUI INC NEB-D Datasheet HTML 6Page - CUI INC NEB-D Datasheet HTML 7Page - CUI INC NEB-D Datasheet HTML 8Page - CUI INC NEB-D Datasheet HTML 9Page - CUI INC NEB-D Datasheet HTML 10Page - CUI INC NEB-D Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
cui.com
date 06/10/2016
│ page 7 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12 V, 22 A, 264 W
Efficiency
PowerDissipation
75
80
85
90
95
100
05
10
15
20
25 [A]
[%]
36 V
48 V
53 V
75 V
0
4
8
12
16
20
05
10
15
20
25 [A]
[W]
36 V
48 V
53 V
75 V
Efficiency vs. load current and input voltage at TP1 = +25°C.
Dissipated power vs. load current and input voltage at
TP1 = +25°C.
Output CharacteristicsCurrent Limit Characteristics
11.80
11.90
12.00
12.10
12.20
05
10
15
20
25 [A]
[V]
36 V
48 V
53 V
75 V
0.00
3.00
6.00
9.00
12.00
15.00
15
18
21
24
27 [A]
[V]
36 V
48 V
53 V
75 V
Output voltage vs. load current at TP1 = +25°C.
Output voltage vs. load current at IO > max IO , TP1 = +25°C.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com