Electronic Components Datasheet Search
  English  ▼

X  

NEB-D Datasheet(PDF) 8 Page - CUI INC

Part # NEB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-D Datasheet(HTML) 8 Page - CUI INC

Back Button NEB-D Datasheet HTML 4Page - CUI INC NEB-D Datasheet HTML 5Page - CUI INC NEB-D Datasheet HTML 6Page - CUI INC NEB-D Datasheet HTML 7Page - CUI INC NEB-D Datasheet HTML 8Page - CUI INC NEB-D Datasheet HTML 9Page - CUI INC NEB-D Datasheet HTML 10Page - CUI INC NEB-D Datasheet HTML 11Page - CUI INC NEB-D Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
cui.com
date 06/10/2016
│ page 8 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12 V, 22 A, 264 W
Start-up
Shut-down
Start-up enabled by connecting VI
T
at:
P1 =+25°C, V I
I
=53V,
O
Top trace: output voltage(5 V/div).
= 22 A resistive load.
Bottom trace: input voltage (50V/div).
Time scale: (5 mS/div)
Shut-down enabled by disconnecting VI
T
at:
P1 =+25°C, V I
I
=53V,
O
Top trace: output voltage (5 V/div).
Bottom trace: input voltage(50 V/div).
=22 Aresistive load.Time scale: (2 mS/div).
Output Ripple & NoiseOutput Load Transient Response
Output voltage ripple at:
TP1 = +25°C, VI
I
= 53 V,
O
Trace: output voltage (20 mV/div).
= 22 A resistive load.
Time scale: (2 uS/div).
Output voltage response to load current step-
change (5.5 –16.5 –5.5 A) at:
TP1 =+25°C, VI =53 V. CO
Top trace: output voltage(0.5 V/div).
=2.2 mF.
Bottom trace: load current (5 A/div).
Time scale: (0.5 mS/div)
Input Voltage Transient Response
Output voltage response to input voltage
transient at:
TP1 = +25°C, VI = 36-75V,
IO =11A resistiveload, CO
Top trace: output voltage (2 V/div.).
=2.2 mF
Bottom trace: input voltage (20V/div.).
Time scale: (0.5 ms/div.).
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com