Electronic Components Datasheet Search
  English  ▼

X  

NEB-D Datasheet(PDF) 13 Page - CUI INC

Part # NEB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-D Datasheet(HTML) 13 Page - CUI INC

Back Button NEB-D Datasheet HTML 9Page - CUI INC NEB-D Datasheet HTML 10Page - CUI INC NEB-D Datasheet HTML 11Page - CUI INC NEB-D Datasheet HTML 12Page - CUI INC NEB-D Datasheet HTML 13Page - CUI INC NEB-D Datasheet HTML 14Page - CUI INC NEB-D Datasheet HTML 15Page - CUI INC NEB-D Datasheet HTML 16Page - CUI INC NEB-D Datasheet HTML 17Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
cui.com
date 06/10/2016
│ page 13 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Typical Characteristics
12 V, 25 A, 300 W
Output Current Derating –Open frame
0
5
10
15
20
25
020406080
100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
Available load current vs. ambient air temperature and airflow at
VI =53V. See Thermal Consideration section.
Output Current Derating –Base plate
Thermal Resistance –Base plate
0
5
10
15
20
25
020406080100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
1
2
3
4
5
6
0.00.5
1.01.5
2.02.5
3.0[m/s]
[°C/W]
Available load current vs. ambient air temperature and airflow at
VI =53V. See Thermal Consideration section.
Thermal resistance vs. airspeed measured at the converter. Tested in
wind tunnel with airflow and test conditions as per the Thermal
consideration section. VI
Output Current Derating –Base plate + Heat sink
=53V.
Output Current Derating –Cold wall sealed box
0
5
10
15
20
25
020406080100 [°C]
[A]
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
5
10
15
20
25
30
020406080
100 [°C]
[A]
Tamb
85°C
Available load current vs. base plate temperature.
VI =53V. See Thermal Consideration section. Tested with Plate Fin
Transverse heatsink, height 0.23 In, P0114 Thermal Pad.
Available load current vs. base plate temperature at 85ºC ambient.
VI = 53 V. See Thermal Consideration section.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com