Electronic Components Datasheet Search
  English  ▼

X  

NQB-D Datasheet(PDF) 2 Page - CUI INC

Part # NQB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-D Datasheet(HTML) 2 Page - CUI INC

  NQB-D Datasheet HTML 1Page - CUI INC NQB-D Datasheet HTML 2Page - CUI INC NQB-D Datasheet HTML 3Page - CUI INC NQB-D Datasheet HTML 4Page - CUI INC NQB-D Datasheet HTML 5Page - CUI INC NQB-D Datasheet HTML 6Page - CUI INC NQB-D Datasheet HTML 7Page - CUI INC NQB-D Datasheet HTML 8Page - CUI INC NQB-D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
cui.com
date 11/07/2014
│ page 2 of 36
CUI Inc
│ SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Nominal Output Voltage:
A = 12.0 V
B = 12.45 V
C = 9.6 V
D = 9.0 V
E = 5.0 V
PART NUMBER KEY
NQB- XXX D X X - X X X X - XXX -ES X
Input Voltage Range:
W = wide (36~75 V)
M = medium (40~60 V)
Firmware Configuration:
000~ZZZ
Base Number
Design Output Power:
1~999
Example part number: NQB-420DWA-AN-001
420 W output power, digital pins
wide input voltage range, 12.0 V output
5.33 mm pins, negative enable logic
firmware revision 001
Digital Interface
Load Sharing Function:
D = Vout droop
Pin Description:
A = 5.33 mm (0.210 in.)
B = 4.57 mm (0.180 in.)
C = 3.69 mm (0.145 in.)
D = 2.79 mm (0.110 in.)
S = SMT
Enable Logic Sense:
N = negative logic
P = positive logic
Heatsink Option:
"blank" = open frame
H = heatsink flat
G = heatsink with GND pin
Engineering Sample:
ES
Engineering Phase:
A~Z
Packaging:
20 converters(through hole pin)/tray, PE foam dissipative
20 converters(surface mount pin)/tray, Antistatic PPE
CONTENTS
Part Number Key........................................................2
General Information...................................................3
Safety Specification....................................................3
Absolute Maximum Ratings..........................................4
EMC Specification.........................................20
Operating Information...................................21
Thermal Consideration..................................24
Connections............................................25
PMBus Interface...........................................26
Mechanical Information.................................29
Soldering Information...................................32
Delivery Package Information.........................33
Product Qualification Specification...................35
Electrical Specification:
12V, 35A, 420W, 36~75Vin; NQB-420DWA-AN....................6
12V, 39A, 468W, 40~60Vin; NQB-468DMA-AN...................10
12.45V, 35A, 415W, 36~75Vin; NQB-415DWB-AN...............14
12.45V, 39A, 462W, 40~60Vin; NQB-420DMB-AN...............19
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com