Electronic Components Datasheet Search
  English  ▼

X  

NQB-D Datasheet(PDF) 32 Page - CUI INC

Part # NQB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-D Datasheet(HTML) 32 Page - CUI INC

Back Button NQB-D Datasheet HTML 28Page - CUI INC NQB-D Datasheet HTML 29Page - CUI INC NQB-D Datasheet HTML 30Page - CUI INC NQB-D Datasheet HTML 31Page - CUI INC NQB-D Datasheet HTML 32Page - CUI INC NQB-D Datasheet HTML 33Page - CUI INC NQB-D Datasheet HTML 34Page - CUI INC NQB-D Datasheet HTML 35Page - CUI INC NQB-D Datasheet HTML 36Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
cui.com
date 11/07/2014
│ page 32 of 36
CUI Inc
│ SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Soldering Information - Surface Mounting
Minimum Pin Temperature Recommendations
The surface mount product is intended for forced
convection or vapor phase reflow soldering in SnPb and
Pb-free processes.
The reflow profile should be optimised to avoid excessive
heating of the product. It is recommended to have
a sufficiently extended preheat time to ensure an
even temperature across the host PWB and it is also
recommended to minimize the time in reflow.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between
the product and the host board, since cleaning residues
may affect long time reliability and isolation voltage.
Average ramp-up (TPRODUCT)3°C/s max3°C/s max
Typical solder melting (liquidus)
temperature
T183°C
L
221°C
Minimum reflow time above TL
60 s60 s
Minimum pin temperatureT
210°C
PIN
235°C
Peak product temperatureT
225°C
PRODUCT
260°C
Average ramp-down (TPRODUCT)6°C/s max6°C/s max
Maximum time 25°C to peak
6 minutes
8 minutes
TPRODUCT maximum
TPIN minimum
Time
n
i
P
profile
Product
profile
TL
Time in
reflow
Time in preheat
/ soak zone
Time 25°C to peak
Temperature
General reflow process specifications SnPb eutectic Pb-free
Pin number 5 chosen as reference location for the
minimum pin temperature recommendation since this will
likely be the coolest solder joint during the reflow process.
SnPb solder processes
For SnPb solder processes, a pin temperature (TPIN) in
excess of the solder melting temperature, (TL, 183°C
for Sn63Pb37) for more than 60 seconds and a peak
temperature of 220°C is recommended to ensure a reliable
solder joint.
For dry packed products only: depending on the type of
solder paste and flux system used on the host board, up to
a recommended maximum temperature of 245°C could be
used, if the products are kept in a controlled environment
(dry pack handling and storage) prior to assembly.
Lead-free (Pb-free) solder processes
For Pb-free solder processes, a pin temperature (T
PIN)
in excess of the solder melting temperature (T
L, 217 to
221°C for SnAgCu solder alloys) for more than 60 seconds
and a peak temperature of 245°C on all solder joints is
recommended to ensure a reliable solder joint.
Maximum Product Temperature Requirements
Top of the product PWB near pin 2 is chosen as reference
location for the maximum (peak) allowed product
temperature (T
PRODUCT) since this will likely be the warmest
part of the product during the reflow process.
SnPb solder processes
For SnPb solder processes, the product is qualified for MSL
1 according to IPC/JEDEC standard J STD 020C.
During reflow T
PRODUCT must not exceed 225 °C at any time.
Pb-free solder processes
For Pb-free solder processes, the product is qualified for
MSL 3 according to IPC/JEDEC standard J-STD-020C.
During reflow T
PRODUCT must not exceed 260 °C at any time.
Dry Pack Information
Products intended for Pb-free reflow soldering processes
are delivered in standard moisture barrier bags according
to IPC/JEDEC standard J STD 033 (Handling, packing,
shipping and use of moisture/reflow sensitivity surface
mount devices).
Using products in high temperature Pb-free soldering
processes requires dry pack storage and handling. In
case the products have been stored in an uncontrolled
environment and no longer can be considered dry, the
modules must be baked according to J STD 033.
Thermocoupler Attachment
Top of PWB near pin 2 for measurement of maximum
product temperature, T
PRODUCT
Pin 5 for measurement of minimum pin (solder joint )
temperature, T
PIN
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com