Electronic Components Datasheet Search
  English  ▼

X  

NQB-D Datasheet(PDF) 33 Page - CUI INC

Part # NQB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-D Datasheet(HTML) 33 Page - CUI INC

Back Button NQB-D Datasheet HTML 28Page - CUI INC NQB-D Datasheet HTML 29Page - CUI INC NQB-D Datasheet HTML 30Page - CUI INC NQB-D Datasheet HTML 31Page - CUI INC NQB-D Datasheet HTML 32Page - CUI INC NQB-D Datasheet HTML 33Page - CUI INC NQB-D Datasheet HTML 34Page - CUI INC NQB-D Datasheet HTML 35Page - CUI INC NQB-D Datasheet HTML 36Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
cui.com
date 11/07/2014
│ page 33 of 36
CUI Inc
│ SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Soldering Information - Hole Mounting
The hole mounted product is intended for plated through
hole mounting by wave or manual soldering. The pin
temperature is specified to maximum to 270°C for
maximum 10 seconds.
A maximum preheat rate of 4°C/s and maximum preheat
temperature of 150°C is suggested. When soldering by
hand, care should be taken to avoid direct contact between
the hot soldering iron tip and the pins for more than a few
seconds in order to prevent overheating.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between
the product and the host board. The cleaning residues may
affect long time reliability and isolation voltage.
Delivery Package Information
The products are delivered in antistatic injection molded
trays (Jedec design guide 4.10D standard) and in antistatic
trays.
Tray Specifications –SMD
Material
Antistatic PPE
Surface resistance
105 < Ohm/square < 10
Bakability
12
The trays can be baked at maximum
125°C for 48 hours
Tray thickness
14.50mm0.571 [inch]
Box capacity
20 products (2 full trays/box)
Tray weight
125g empty, 574g full tray
JEDEC standard tray for 2x5 = 10 products.
All dimensions in mm [inch]
Tolerances: X.x ±0.26 [0.01], X.xx ±0.13 [0.005]
Note: pick up positions refer to center of pocket.
See mechanical drawing for exact location on product.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com