Electronic Components Datasheet Search
  English  ▼

X  

NQB-D Datasheet(PDF) 21 Page - CUI INC

Part # NQB-D
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-D Datasheet(HTML) 21 Page - CUI INC

Back Button NQB-D Datasheet HTML 17Page - CUI INC NQB-D Datasheet HTML 18Page - CUI INC NQB-D Datasheet HTML 19Page - CUI INC NQB-D Datasheet HTML 20Page - CUI INC NQB-D Datasheet HTML 21Page - CUI INC NQB-D Datasheet HTML 22Page - CUI INC NQB-D Datasheet HTML 23Page - CUI INC NQB-D Datasheet HTML 24Page - CUI INC NQB-D Datasheet HTML 25Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
cui.com
date 11/07/2014
│ page 21 of 36
CUI Inc
│ SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Operating information
This product is equipped with a PMBus interface. The
product incorporates a wide range of readable and
configurable power management features that are simple
to implement with a minimum of external components.
Additionally, the product includes protection features that
continuously safeguard the load from damage due to
unexpected system faults. A fault is also shown as an alert
on the SALERT pin. The following product parameters can
continuously be monitored by a host: Input voltage, output
voltage/current, duty cycle and internal temperature.
The product is delivered with a default configuration
suitable for a wide range operation in terms of input
voltage, output voltage, and load. The configuration is
stored in an internal Non-Volatile Memory (NVM). All
power management functions can be reconfigured using
the PMBus interface. Please contact your local CUI Power
Modules representative for design support of custom
configurations or appropriate SW tools for design and
down-load of your own configurations.
Power Management Overview
The NQB consists of two different product families
designed for two different input voltage ranges, 36 to 75
Vdc and 40 to 60 Vdc, see ordering information.
The input voltage range 36 to 75 Vdc meets the
requirements of the European Telecom Standard ETS 300
132-2 for normal input voltage range in –48 and –60 Vdc
systems, -40.5 to -57.0 V and –50.0 to -72 V respectively.
At input voltages exceeding 75 V, the power loss will
be higher than at normal input voltage and T
P1 must be
limited to absolute max +125°C. The absolute maximum
continuous input voltage is 80 Vdc.
The input voltage range 40 to 60 Vdc meets the
requirements for normal input voltage range in -48 V
systems, -40.5 to -57.0 V. At input voltages exceeding
60 V, the power loss will be higher than at normal input
voltage and T
P1 must be limited to absolute max +125°C.
The absolute maximum continuous input voltage is 65 Vdc.
Input Voltage
The product monitors the input voltage and will turn
on and turn off at predetermined levels. The minimum
hysteresis between turn on and turn off input voltage is
2 V. The turn on and turn off levels of the product can be
reconfigured using the PMBus interface
Turn-off Input Voltage
The products are fitted with a configurable remote control
function. The primary remote control is referenced to the
primary negative input connection (-In). The RC function
allows the converter to be turned on/off by an external
device like a semiconductor or mechanical switch. The RC
pin has an internal pull up resistor. The remote control
functions can also be configured using the PMBus.
Remote Control (RC)
The device should be capable of sinking 0.7 mA. When the
RC pin is left open, the voltage generated on the RC pin is
max 6 V. The standard product is provided with “negative
logic” remote control and will be off
until the RC pin is connected to the
-In. To turn on the product the
voltage between RC pin and -In
should be less than 1 V.
To turn off the product the RC pin
should be left open for a minimum
of time 150 µs, the same time
requirement applies when the product
shall turn on. In situations where it is
desired to have the product to power up automatically
without the need for control signals or a switch, the RC
pin can be wired directly to –In or disabled via the 0xE3
command. The logic option for the primary remote control is
configured via 0xE3 command using the PMBus.
The CTRL-pin can be configured as remote control via the
PMBus interface. In the default configuration the CTRL-
pin is disabled and floating. The output can be configured
to internal pull-up to 3.3 V using the MFR_MULTI_PIN_
CONFIG (0xF9) PMBus command. The CTRL-pin can be left
open when not used. The logic options for the secondary
remote control can be positive or negative logic. The logic
option for the secondary remote control is configured
via ON_OFF_CONFIG (0x02) command using the PMBus
interface, see also MFR_MULTI_PIN_CONFIG section.
Remote Control (secondary side)
The impedance of both the input source and the load will
interact with the impedance of the product. It is important
that the input source has low characteristic impedance.
Minimum recommended external input capacitance is 100
µF. The performance in some applications can be enhanced
by addition of external capacitance as described under
External Decoupling Capacitors.
Input and Output Impedance
When powering loads with significant dynamic current
requirements, the voltage regulation at the point of load
can be improved by addition of decoupling capacitors at
the load. The most effective technique is to locate low ESR
ceramic and electrolytic capacitors as close to the load
as possible, using several parallel capacitors to lower the
effective ESR. The ceramic capacitors will handle high-
frequency dynamic load changes while the electrolytic
capacitors are used to handle low frequency dynamic load
changes. Ceramic capacitors will also reduce any high
frequency noise at the load. It is equally important to
use low resistance and low inductance PWB layouts and
cabling. External decoupling capacitors will become part
of the product’s control loop. The control loop is optimized
for a wide range of external capacitance and the maximum
recommended value that could be used without any
additional analysis is found in the electrical specification.
The ESR of the capacitors is a very important parameter.
Stable operation is guaranteed with a verified ESR value of
External Decoupling Capacitors
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com