Electronic Components Datasheet Search
  English  ▼

X  

LM4842 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4842
Description  Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4842 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4842 Datasheet HTML 23Page - National Semiconductor (TI) LM4842 Datasheet HTML 24Page - National Semiconductor (TI) LM4842 Datasheet HTML 25Page - National Semiconductor (TI) LM4842 Datasheet HTML 26Page - National Semiconductor (TI) LM4842 Datasheet HTML 27Page - National Semiconductor (TI) LM4842 Datasheet HTML 28Page - National Semiconductor (TI) LM4842 Datasheet HTML 29Page - National Semiconductor (TI) LM4842 Datasheet HTML 30Page - National Semiconductor (TI) LM4842 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Analog Audio LM4842 TSSOP and LQ Eval Boards
Assembly Part Number: 980011373-100
Revision: A
Bill of Material
Item
Part Number
Part Description
Qty Ref Designator (on PCB)
Remark
1
551011373-001
LM4842 Eval Board PCB
etch 001
1
10
482911373-001
LM4842 TSSOP or LQ
1
20
151911368-001
Cer Cap 0.068µF 50V
10% 1206
2C
BA,CBB
25
152911368-001
Tant Cap 0.1µF 10V 10%
Size = A 3216
3
C2, C3, C4
26
152911368-002
Tant Cap 0.33µF 10V
10% Size = A 3216
5C
inA0,CinA1,CinB0,CinB1,
C
inbeep
27
152911368-003
Tant Cap 1µF 16V 10%
Size = A 3216
1C
BYPASS
28
152911368-004
Tant Cap 10µF 10V 10%
Size = C 6032
1C1
31
472911368-002
Res 20K Ohm 1/8W 1%
1206
8R
inA0,RinA1,RinB0,RinB1
R
FA0,RFA1,RFB0,RFB1
33
472911368-004
Res 200K Ohm 1/16W
1% 0603
4R
BEEPA0,RBEEPA1,
R
BEEPB0,RBEEPB1
40
131911368-001
Stereo Headphone Jack
W/ Switch
1
Switchcraft
#35RAPC4BH3
41
131911368-002
Slide Switch
4
Mute, MUX, SD, Mode
Mouser # 10SP003
42
131911368-003
Potentiometer
1
Volume Control
Mouser # 317-2090-100K
43
131911368-004
RCA Jack
5
A0, A1, B0, B1, BeepIn
Mouser # 16PJ097
44
131911368-005
Banana Jack, Black
3
AOUT-, BOUT-, GND
Mouser # ME164-6219
45
131911368-006
Banana Jack, Red
3
AOUT+, BOUT+, VDD
Mouser # ME164-6218
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com