Electronic Components Datasheet Search
  English  ▼

X  

LM4842 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4842
Description  Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4842 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4842 Datasheet HTML 1Page - National Semiconductor (TI) LM4842 Datasheet HTML 2Page - National Semiconductor (TI) LM4842 Datasheet HTML 3Page - National Semiconductor (TI) LM4842 Datasheet HTML 4Page - National Semiconductor (TI) LM4842 Datasheet HTML 5Page - National Semiconductor (TI) LM4842 Datasheet HTML 6Page - National Semiconductor (TI) LM4842 Datasheet HTML 7Page - National Semiconductor (TI) LM4842 Datasheet HTML 8Page - National Semiconductor (TI) LM4842 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM4842
Stereo 2W Amplifiers with DC Volume Control,
Transient Free Outputs, and Cap-less Headphone Drive
General Description
The LM4842 is a monolithic integrated circuit that provides
DC volume control, and stereo bridged audio power amplifi-
ers capable of producing 2W into 4
Ω (Note 1) or 2.2W into
3
Ω (Note 2) with less than 1.0% THD+N.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4842 incorporates a
DC volume control, stereo bridged audio power amplifiers,
new cap-less headphone driver circuit (patent pending), se-
lectable gain or bass boost, and an input mux making it
optimally suited for multimedia monitors, portable radios,
desktop, and portable computer applications.
The LM4842 features an externally controlled, low-power
consumption shutdown mode (Shutdown Low), and both a
power amplifier and headphone mute for maximum system
flexibility and performance.
Note 1: When properly mounted to the circuit board, the LM4842MH will
deliver 2W into 4
Ω. The LM4842MT will deliver 1.1W into 8Ω. See the
Application Information section for LM4842MH usage information.
Note 2: An LM4842MH that has been properly mounted to the circuit board
and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
into 3
Ω (MH and LQ)
2.2W(typ)
n
into 4
Ω (MH and LQ)
2.0W(typ)
n
into 8
Ω (MT, MH, and LQ)
1.1W(typ)
n
Single-ended THD+N at 85mW into 32
Ω
1.0%(typ)
n
Shutdown current (Shutdown Low)
0.2µA(typ)
Features
n
Stereo headphone amplifier mode that eliminates the
Output Coupling Capacitors (patent pending)
n
Advanced “click and pop” suppression circuitry
n
Acoustically Enhanced DC Volume Control Taper
n
2 Channel Stereo Input MUX
n
System Beep Detect
n
Stereo switchable bridged/single-ended power amplifiers
n
Selectable internal/external gain and bass boost
n
Thermal shutdown protection circuitry
Applications
n
Portable and Desktop Computers
n
Multimedia Monitors
n
Portable Radios, PDAs, and Portable TVs
Connection Diagrams
TSSOP Package
20028102
Top View
Order Number LM4842MT
See NS Package Number MTC28 for TSSOP
Order Number LM4842MH
See NS Package Number MXA28A for Exposed-DAP TSSOP
Boomer® is a registered trademark of NationalSemiconductor Corporation.
September 2002
© 2002 National Semiconductor Corporation
DS200281
www.national.com


Similar Part No. - LM4842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840LQ NSC-LM4840LQ Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MH NSC-LM4840MH Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MT NSC-LM4840MT Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
More results

Similar Description - LM4842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com