Electronic Components Datasheet Search
  English  ▼

X  

LM4842 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4842
Description  Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4842 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4842 Datasheet HTML 10Page - National Semiconductor (TI) LM4842 Datasheet HTML 11Page - National Semiconductor (TI) LM4842 Datasheet HTML 12Page - National Semiconductor (TI) LM4842 Datasheet HTML 13Page - National Semiconductor (TI) LM4842 Datasheet HTML 14Page - National Semiconductor (TI) LM4842 Datasheet HTML 15Page - National Semiconductor (TI) LM4842 Datasheet HTML 16Page - National Semiconductor (TI) LM4842 Datasheet HTML 17Page - National Semiconductor (TI) LM4842 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Non-MH/LQ Specific Characteristics (Continued)
Output Power vs
Load Resistance
Output Power vs
Load Resistance
20028107
20028108
Dropout Voltage
Power Dissipation vs
Output Power
20028153
20028151
Power Supply
Rejection Ratio
Volume Control
Characteristics
20028135
20028136
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com