Electronic Components Datasheet Search
  English  ▼

X  

S24C01A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C01A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S24C01A Datasheet HTML 1Page - Seiko Instruments Inc S24C01A Datasheet HTML 2Page - Seiko Instruments Inc S24C01A Datasheet HTML 3Page - Seiko Instruments Inc S24C01A Datasheet HTML 4Page - Seiko Instruments Inc S24C01A Datasheet HTML 5Page - Seiko Instruments Inc S24C01A Datasheet HTML 6Page - Seiko Instruments Inc S24C01A Datasheet HTML 7Page - Seiko Instruments Inc S24C01A Datasheet HTML 8Page - Seiko Instruments Inc S24C01A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
5
AC Electrical Characteristics
Table 9
VCC=1.8V to 5.5V
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
0
—
100
kHz
SCL clock time "L"
tLOW
4.7
——
µs
SCL clock time"H"
tHIGH
4.0
——
µs
SDA output delay time
tAA
0.3
—
3.5
µs
SDA output hold time
tDH
0.3
——
µs
Start condition setup time
tSU.STA
4.7
——
µs
Start condition hold time
tHD.STA
4.0
——
µs
Data input setup time
tSU.DAT
50
——
ns
Data input hold time
tHD.DAT
0
——
ns
Stop condition setup time
tSU.STO
4.7
——
µs
SCL
· SDA rising time
tR
——
1.0
µs
SCL
· SDA falling time
tF
——
0.3
µs
Bus release time
tBUF
4.7
——
µs
Noise suppression time
tI
——
100
ns
Input pulse voltage
0.1
×VCC to 0.9×VCC
Input pulse rising/falling time
20 ns
Output judgment voltage
0.5
×VCC
Output load
100 pF+ Pullup resistance 1.0 k
Ω
Table 8 Measurement Conditions
VCC
R=1.0k
SDA
C=100pF
Figure 3 Output Load Circuit
Figure 4 Bus Timing
SCL
SDA IN
SDA OUT
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tDH
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
invalid
valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com