Electronic Components Datasheet Search
  English  ▼

X  

S24C01A Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C01A Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S24C01A Datasheet HTML 11Page - Seiko Instruments Inc S24C01A Datasheet HTML 12Page - Seiko Instruments Inc S24C01A Datasheet HTML 13Page - Seiko Instruments Inc S24C01A Datasheet HTML 14Page - Seiko Instruments Inc S24C01A Datasheet HTML 15Page - Seiko Instruments Inc S24C01A Datasheet HTML 16Page - Seiko Instruments Inc S24C01A Datasheet HTML 17Page - Seiko Instruments Inc S24C01A Datasheet HTML 18Page - Seiko Instruments Inc S24C01A Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
15
Ordering Information
S-24C0xA yyy - zz - uuw
P code (Distincion for package process)
None
S
1A
Endurance code
11
: 10
6 cycles
Taping specification
None for DIP and SOP in magazine
TB
Package code
DP
: DIP
DPA
: DIP
FJA
: SOP
Product name
S-24C01A : 1k bits
S-24C02A : 2k bits
S-24C04A : 4k bits
Ordering names for DIP
Product name
Package code
Taping specification
Endurance
code
P code
Package/Tape/Reel
drawings
DP
None
None
−1A
DP008-C
S-24C01A
S-24C02A
S-24C04A
DPA
None
−11
None
DP008-A
Note
The endurarance of S-24C0xADP-1A
is 106 cycles, though the ordering name does not have the endurance code.
Ordering names for SOP
Product name
Package code
Taping specification
Endurance
code
P code
Package/Tape/Reel
drawings
S-24C01A
FJA
−TB
(None for magazine)
−11
None
FJ008-D
None
FJ008-D
S-24C02A
FJA
−TB
(None for magazine)
−11
S
FJ008-D
FJ008-E
S-24C04A
FJA
−TB
(None for magazine)
−11
None
FJ008-D
Note
1) Package dimensions of SOPs whose package code is FJA are the same in the range of deviation.
2) Please contact an SII local office or a local representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com