Electronic Components Datasheet Search
  English  ▼

X  

CXA2 Datasheet(PDF) 13 Page - Cree, Inc

Part # CXA2
Description  XLamp Studio LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2 Datasheet(HTML) 13 Page - Cree, Inc

Back Button CXA2 Datasheet HTML 7Page - Cree, Inc CXA2 Datasheet HTML 8Page - Cree, Inc CXA2 Datasheet HTML 9Page - Cree, Inc CXA2 Datasheet HTML 10Page - Cree, Inc CXA2 Datasheet HTML 11Page - Cree, Inc CXA2 Datasheet HTML 12Page - Cree, Inc CXA2 Datasheet HTML 13Page - Cree, Inc CXA2 Datasheet HTML 14Page - Cree, Inc CXA2 Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® CXa2 Studio LEd
thErMAL DESign - ContinuED
0.01
0.10
1.00
10.00
100.00
200
400
600
800
1000
1200
1400
1600
1800
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C
72 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com