Electronic Components Datasheet Search
  English  ▼

X  

CXA2 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA2
Description  XLamp Studio LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2 Datasheet(HTML) 1 Page - Cree, Inc

  CXA2 Datasheet HTML 1Page - Cree, Inc CXA2 Datasheet HTML 2Page - Cree, Inc CXA2 Datasheet HTML 3Page - Cree, Inc CXA2 Datasheet HTML 4Page - Cree, Inc CXA2 Datasheet HTML 5Page - Cree, Inc CXA2 Datasheet HTML 6Page - Cree, Inc CXA2 Datasheet HTML 7Page - Cree, Inc CXA2 Datasheet HTML 8Page - Cree, Inc CXA2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product family data sheet
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXA2 Studio LED
ProDuCt DESCriPtion
The XLamp® CXA2 Studio LeD is
optimized for motion picture, studio and
photography applications, delivering
high light quality that meets the film
industry’s color spectrum requirements
combined with high lumen output and
high optical control. Available in 3-step
easyWhite® bins, the CXA2 Studio LeD
delivers high lumen output, high light
quality and high efficacy in a single,
easy-to-use package that eliminates the
need for reflow soldering.
The CX Family LeD Design Guide
provides basic information on the
requirements to use the CXA2 Studio
LeD successfully in luminaire designs.
fEAturES
• CXA Gen 2 technology and platform
• Available in SU white bins at 5600 K
and 3200 K CCT with 90 CRI
• Forward voltage options: 36 V & 72 V
class
• 85 °C binning and characterization
• Maximum drive current: 3600 mA
(36 V), 1800 mA (72 V)
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL-3 2011 standard flux bins
• UL® recognized component
(E349212)
tAbLE of ContEntS
Characteristics ............................................2
Operating Limits..........................................3
Flux Characteristics, easyWhite® Order
Codes and Bins - 36 V.................................4
Flux Characteristics, easyWhite® Order
Codes and Bins - 72 V.................................4
Relative Spectral Power Distribution .........5
electrical Characteristics............................6
Relative Luminous Flux...............................7
Typical Spatial Distribution.........................9
Performance Groups - Brightness .............9
Performance Groups - Chromaticity..........9
Cree easyWhite® Bins Plotted on the CIE
1931 Color Space..................................... 10
Bin and Order Code Formats................... 11
Mechanical Dimensions .......................... 11
Thermal Design........................................ 12
Notes ........................................................ 14
Packaging................................................. 15


Similar Part No. - CXA2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
20W DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05 ARTESYN-CXA20-48D05 Datasheet
57Kb / 3P
20W DC/DC Converters
logo
Emerson Network Power
CXA20-48D05J EMERSON-NETWORKPOWER-CXA20-48D05J Datasheet
126Kb / 3P
20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05J ARTESYN-CXA20-48D05J Datasheet
132Kb / 3P
20 W DC-DC Converters
More results

Similar Description - CXA2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
Rev 7E
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
XLamp LED
Rev 3E
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
XLamp LED
Rev 6D
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
XLamp LED
Rev 5F
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
XLamp LED
Rev 0G
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
XLamp LED
Rev 1C
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
XLamp LED
Rev 1D
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
XLamp LED
Rev 0G
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
XLamp LED
Rev 0G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com