Electronic Components Datasheet Search
  English  ▼

X  

CXA2 Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2
Description  XLamp Studio LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2 Datasheet(HTML) 5 Page - Cree, Inc

  CXA2 Datasheet HTML 1Page - Cree, Inc CXA2 Datasheet HTML 2Page - Cree, Inc CXA2 Datasheet HTML 3Page - Cree, Inc CXA2 Datasheet HTML 4Page - Cree, Inc CXA2 Datasheet HTML 5Page - Cree, Inc CXA2 Datasheet HTML 6Page - Cree, Inc CXA2 Datasheet HTML 7Page - Cree, Inc CXA2 Datasheet HTML 8Page - Cree, Inc CXA2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXa2 Studio LEd
relatiVe speCtral pOwer distriButiOn (36 V, i
F = 2400 ma; 72 V, if = 1200 mA, tJ = 85 °C)
The following graph is the result of a series of pulsed measurements at 2400 mA for the 36-V CXA2 Studio LED and 1200 mA for the 72-V
CXA2 Studio LeD and T
J = 85 °C.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5600 K
3200 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com