Electronic Components Datasheet Search
  English  ▼

X  

CXA2 Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA2
Description  XLamp Studio LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2 Datasheet(HTML) 3 Page - Cree, Inc

  CXA2 Datasheet HTML 1Page - Cree, Inc CXA2 Datasheet HTML 2Page - Cree, Inc CXA2 Datasheet HTML 3Page - Cree, Inc CXA2 Datasheet HTML 4Page - Cree, Inc CXA2 Datasheet HTML 5Page - Cree, Inc CXA2 Datasheet HTML 6Page - Cree, Inc CXA2 Datasheet HTML 7Page - Cree, Inc CXA2 Datasheet HTML 8Page - Cree, Inc CXA2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXa2 Studio LEd
oPErAting LiMitS
The maximum current rating of the CXA2 Studio LED is dependent on the case temperature (Tc) when the LED has reached thermal
equilibrium under steady-state operation. The graphs shown below assume that the system design employs good thermal management
(thermal interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical
Drawings section on page 11 for the location of the Tc measurement point.
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
0
25
50
75
100
125
Case Temperature (°C)
36 V
CXB3590
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
25
50
75
100
125
Case Temperature (°C)
72 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com