Electronic Components Datasheet Search
  English  ▼

X  

SSD1812Z Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1812Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812Z Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1812Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SSD1812
22
REV 1.2
12/99
SOLOMON
Data Read / Write
To read data from the GDDRAM, input High to R/W(WR) pin and D/C pin for 6800-series parallel mode, Low to E(RD) pin and High to D/
C pin for 8080-series parallel mode. No data read is provided for serial mode. In normal mode, GDDRAM column address pointer will be
increased by one automatically after each data read. However, no automatic increase will be performed in read-modify-write mode. Also, a
dummy read is required before the first data read. See Figure 4 in Functional Description.
To write data to the GDDRAM, input Low to R/W(WR) pin and High to D/C pin for 6800-series parallel mode. For serial interface, it will
always be in write mode. GDDRAM column address pointer will be increased by one automatically after each data write.
Address Increment Table (Automatic)
Address Increment is done automatically after data read write. The column address pointer of GDDRAM*2 is affected.
Remarks:
*1. If read data is issued in read-modify-write mode, address increase is not applied.
*2. Column Address will NOT wrap round when overflow.
Commands Required for R/W(WR) Actions on RAM
* No need to resend the command again if it is set previously.
The read / write action to the Display Data RAM does not depend on the display mode. This means the user can change the RAM content
whether the target RAM content is being displayed or not.
Bit Pattern
Read Command
(D/C=0, R/W(WR)=1, E(RD)=0)
Comment
D7D6D5D4D3D2D1D0
(Data Read Back from the
driver)
Status Register Read
D7=0: indicates an internal operation is completed.
D7=1: indicates an internal operation is in progress.
D6=0: indicates normal segment mapping with column address
D6=1: indicates reverse segment mapping with column address
D5=0: indicates the display is ON
D5=1: indicates the display is OFF
D4=0: initialization is not in progress
D4=1: initialization is in progress after RES or software reset
D3D2D1D0 = 1010, these 4-bit is fixed to 1010 which could be
used to identify as Solomon Systech Device.
D/C
R/W(WR) Comment
Address Increment
Remarks
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes
*1
R/W(WR) Actions on RAMs
Commands Required
Read/Write Data from/to GDDRAM.
Set GDDRAM Page Address
Set GDDRAM Column Address
Read/Write Data
(1011X3X2X1X0)*
(0001X3X2X1X0)*
(0000X3X2X1X0)
(X7X6X5X4X3X2X1X0)
Save/Restore GDDRAM Column Address.
Save GDDRAM Column Address by read-modify-
write mode
Restore GDDRAM Column Address by end of read-
modify-write mode
(11100000)
(11101110)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com