Electronic Components Datasheet Search
  English  ▼

X  

SSD1812Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSD1812Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD1812Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Copyright © 1999 Solomon Technolgoy Corp.
REV 1.2
12/99
This document contains information on a new product under development. Solomon reserves the right to change or discontinue this product without notice.
SSD1812
ORDERING INFORMATION
SSD1812Z
Gold Bump Die
SSD1812TR
TAB
Gold Bump Die
TAB
SOLOMON SYSTECH
SEMICONDUCTOR TECHNICAL DATA
Product Preview
LCD Segment / Common Driver
with Controller
CMOS
SSD1812 is a single-chip CMOS LCD driver with controller for liquid crystal dot-
matrix graphic display system. It consists of 187 high voltage driving output pins for
driving 132 Segments, 54 Commons and 1 Icon Driving-Common.
SSD1812 displays data directly from its internal 132 X 65 bits Graphic Display
Data RAM (GDDRAM). Data/Commands are sent from general MCU through a soft-
ware selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral
Interface.
SSD1812 embeds a DC-DC Converter, an On-Chip Bias Divider and an On-Chip
Oscillator which reduce the number of external components. With the special design
on minimizing power consumption and die/package layout, SSD1812 is suitable for
any portable battery-driven applications requiring a long operation period and a com-
pact size.
•
Single Supply Operation, 1.8 V - 3.5V
•
Minimum -12.0V LCD Driving Output Voltage
•
Low Current Sleep Mode
•
On-Chip Voltage Generator / External Power Supply
•
2X / 3X / 4X On-Chip DC-DC Converter
•
On-Chip Oscillator
•
Programmable Multiplex ratio [1Mux - 55Mux]
•
On-Chip Smart Bias Divider
•
Programmable 1/4, 1/5, 1/6, 1/7, 1/8 and 1/9 bias ratio
•
8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial
Peripheral Interface
•
On-Chip 132 x 65 Graphic Display Data RAM
•
Re-mapping of Row and Column Drivers
•
Vertical Scrolling
•
Display Offset Control
•
RAM Page Blinking
•
64 Level Internal Contrast Control
•
External Contrast Control
•
Selectable LCD Driving Voltage Temperature Coefficients (8 settings)
•
Available in Gold Bump Die and Standard TAB (Tape Automated Bonding) Package


Similar Part No. - SSD1812Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815 ETC-SSD1815 Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT ETC1-SSD1815BT Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT2 ETC1-SSD1815BT2 Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BZ ETC1-SSD1815BZ Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
More results

Similar Description - SSD1812Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com