Electronic Components Datasheet Search
  English  ▼

X  

SSD1812Z Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSD1812Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812Z Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1812Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SSD1812
10
REV 1.2
12/99
SOLOMON
AC ELECTRICAL CHARACTERISTICS (TA=25°C, Voltage referenced to VSS, AVDD=DVDD=3V: unless otherwise specified.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display Timing Generator
Internal Oscillator Enabled
27
31
35
kHz
FFRM
Frame Frequency
Display ON, Set 132X 54 Graphic Display
Mode
-
-
Hz
FOSC
8*55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com