Electronic Components Datasheet Search
  English  ▼

X  

SSD1812Z Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1812Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812Z Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1812Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1812Z Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SOLOMON
SSD1812
9
REV 1.2
12/99
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=1.8 to 3.5V, TA=25°C; unless otherwise specified.)
* The formula for the temperature coefficient is:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIH1
VIL1
Input high voltage
(RES, D0-D7,R/W(WR), D/C)
Input Low voltage
(RES, CS1,CS2, D0-D7, R/W(WR), D/C, S/P)
0.8*VDD
0
-
-
VDD
0.2*VDD
V
V
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Input
(VL2, VL3,VL4, VL5, VL6 Pins)
Voltage reference to VDD, Smart Bias Divider
Enabled, 1:6 bias ratio
Voltage reference to VDD, Smart Bias Divider
Enabled, 1:8 bias ratio
Voltage reference to VDD, External Voltage Gener-
ator, Smart Bias Divider Disabled
-
-
-
-
-
-
-
-
-
-
VL3
VL4
VL5
VL6
-12V
1/6*VL6
2/6*VL6
4/6*VL6
5/6*VL6
VL6
1/8*VL6
2/8*VL6
6/8*VL6
7/8*VL6
VL6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VDD
VL2
VL3
VL4
VL5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Output High Current Source
(D0-D7)
Output Low Current Drain
(D0-D7)
Output Tri-state Current Drain Source
(D0-D7)
Vout=VDD-0.4V
Vout=0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/IIH
Input Current
(RES, D0-D7, R/W(WR), D/C, S/P)
-1
-
1
µA
CIN
Input Capacitance
(all logic pins)
-
5
7.5
pF
∆V
L6
Variation of VL6 Output (VDD is fixed)
Regulator
Enabled,
Internal
Contrast
Control
Enabled, Set Contrast Control Register = 0
-
±3
-
%
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTC6
PTC7
Temperature Coefficient Compensation
Flat Temperature Coefficient [POR]
Temperature Coefficient 1*
Temperature Coefficient 2*
Temperature Coefficient 3*
Temperature Coefficient 4*
Temperature Coefficient 5*
Temperature Coefficient 6*
Temperature Coefficient 7*
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
0
-0.075
-0.15
-0.20
-0.01
TBD
-0.10
TBD
-0.18
TBD
TBD
-0.25
-0.075
-0.15
-0.20
%/C
%/C
%/C
%/C
%/C
%/C
%/C
%/C
TC(%)=
Vref at 50°C - Vref at 0°C
50°C - 0°C
X
1
Vref at 25°C
X100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com