Electronic Components Datasheet Search
  English  ▼

X  

TC215 Datasheet(PDF) 12 Page - Texas Instruments

Part # TC215
Description  1024- 횞 1024-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC215 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC215 Datasheet HTML 8Page - Texas Instruments TC215 Datasheet HTML 9Page - Texas Instruments TC215 Datasheet HTML 10Page - Texas Instruments TC215 Datasheet HTML 11Page - Texas Instruments TC215 Datasheet HTML 12Page - Texas Instruments TC215 Datasheet HTML 13Page - Texas Instruments TC215 Datasheet HTML 14Page - Texas Instruments TC215 Datasheet HTML 15Page - Texas Instruments TC215 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and free-air
temperature
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
60
dB
Charge conversion factor
6
µV/e
Charge transfer efficiency (see Note 3)
0.99990
Signal response delay time,
τ (see Note 4 and Figure 16)
18
20
22
ns
Gamma (see Note 5)
0.89
0.94
0.99
Output resistance
1000
Ω
Noise voltage
1/f noise (5 kHz)
0.1
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.08
µV/√Hz
Noise equivalent signal
60
electrons
ADB (see Note 6)
20
Rejection ratio at 10 MHz
SRGn (see Note 7)
40
dB
ABGn (see Note 8)
30
Supply current
9
mA
IAG1, IAG2
15000
Input capacitance Ci
ABG1, ABG2
8000
pF
In ut ca acitance, Ci
TRG
350
F
SRG1, SRG2
200
† All typical values are at TA = 25 °C.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean noise signal divided by the saturation output signal.
3. Charge transfer efficiency is one minus the charge loss per transfer in the output register (1046 transfers). The test is performed
in the dark using an electrical input signal.
4. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output signal valid state.
5. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ADB.
7. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on SRGn.
8. ABGn rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ABGn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com