Electronic Components Datasheet Search
  English  ▼

X  

TC215 Datasheet(PDF) 2 Page - Texas Instruments

Part # TC215
Description  1024- 횞 1024-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC215 Datasheet(HTML) 2 Page - Texas Instruments

  TC215 Datasheet HTML 1Page - Texas Instruments TC215 Datasheet HTML 2Page - Texas Instruments TC215 Datasheet HTML 3Page - Texas Instruments TC215 Datasheet HTML 4Page - Texas Instruments TC215 Datasheet HTML 5Page - Texas Instruments TC215 Datasheet HTML 6Page - Texas Instruments TC215 Datasheet HTML 7Page - Texas Instruments TC215 Datasheet HTML 8Page - Texas Instruments TC215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The blooming protection incorporated into the sensor is based on recombining excess charge with charge of
oppositie polarity in the substrate. This antiblooming is activated by supplying clocking pulses to the
antiblooming gate, which is an integral part of each image-sensing element.
The TC215 is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark signal, good uniformity, and single-phase clocking. The TC215 is characterized for operation
from –10
°C to 40°C.
functional block diagram
24 Dark Reference
Elements
Clearing Drain
Amplifiers
OUT1
OUT2
RST2
ABG1
TDB
19
15
6
3
1
2
AMP GND
CDB
8
SRG2
SRG1
TRG
IDB
11
9
10
ABG2
24
IAG2
ABG1
23
22
Blooming Protection
Image Area With
Top Drain
12 Dummy
Elements
Multiplexer, Transfer Gates,
and Serial Registers
12
IAG1
21
IAG1
16
ADB
4
ABG2
13
IAG2
14
RST1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com