Electronic Components Datasheet Search
  English  ▼

X  

TC215 Datasheet(PDF) 13 Page - Texas Instruments

Part # TC215
Description  1024- 횞 1024-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC215 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC215 Datasheet HTML 9Page - Texas Instruments TC215 Datasheet HTML 10Page - Texas Instruments TC215 Datasheet HTML 11Page - Texas Instruments TC215 Datasheet HTML 12Page - Texas Instruments TC215 Datasheet HTML 13Page - Texas Instruments TC215 Datasheet HTML 14Page - Texas Instruments TC215 Datasheet HTML 15Page - Texas Instruments TC215 Datasheet HTML 16Page - Texas Instruments TC215 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 25°C, integration time = 33 ms (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 9)
No IR filter
Measured at VU
518
mV/lx
Sensitivity (see Note 9)
With IR filter
U
(see Note 10)
64
mV/lx
Saturation signal, Vsat (see Note 11)
320
mV
Maximum usable signal, Vuse
200
mV
Blooming overload ratio (see Note 12)
100
Image-area well capacity
60 x 103
electrons
Dark current
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 13)
TA =40°C
TC215-30
5
mV
Dark signal (see Note 13)
TA = 40°C
TC215-40
5
mV
Pixel uniformity
TC215-30
15
mV
Pixel uniformity
TC215-40
20
mV
Column uniformity
TC215-30
1.4
mV
Column uniformity
TC215-40
1.4
mV
Shading
VO = 1/2 VU (see Note 10)
15%
NOTES:
9. Sensitivity is measured at an integration time of 33 ms with a source temperature of 2859 K. A CM-500 filter is used. Sensitivity is
measured at any illumination level that gives an output voltage level less than VU.
10. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Dark-signal level is measured from the dark dummy pixels.
timing requirements
MIN
MAX
UNIT
IAG1, IAG2
200
SRG1, SRG2
10
tr
Rise time
RST1, RST2
10
ns
TRG
200
ABG1, ABG2
100
IAG1, IAG2
200
SRG1, SRG2
10
tf
Fall time
RST1, RST2
10
ns
TRG
200
ABG1, ABG2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com